Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82111BC21 Datasheet(PDF) 5 Page - EPCOS

Part # B82111BC21
Description  Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82111BC21 Datasheet(HTML) 5 Page - EPCOS

  B82111BC21 Datasheet HTML 1Page - EPCOS B82111BC21 Datasheet HTML 2Page - EPCOS B82111BC21 Datasheet HTML 3Page - EPCOS B82111BC21 Datasheet HTML 4Page - EPCOS B82111BC21 Datasheet HTML 5Page - EPCOS B82111BC21 Datasheet HTML 6Page - EPCOS B82111BC21 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
06/12
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A or S-parameter network analyzer
Agilent 8753ES, typical values at +20 °C
B82111B0000C021…C024
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +60 °C)
IND0156-R
10
f
7
Hz
Ω
Z
||
2
10
8
10
9
10
C024
10 3
10 4
10 5
10 6
B82111B
C023
C022
C021
IND0143-T-E
0
0
T
A
20
40
60
80
100
140
0.2
0.4
0.6
0.8
1.0
1.2
IR
op
I
C
˚
B82111B
VHF chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com