Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADTL084ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADTL084ARZ
Description  Low Cost JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTL084ARZ Datasheet(HTML) 1 Page - Analog Devices

  ADTL084ARZ Datasheet HTML 1Page - Analog Devices ADTL084ARZ Datasheet HTML 2Page - Analog Devices ADTL084ARZ Datasheet HTML 3Page - Analog Devices ADTL084ARZ Datasheet HTML 4Page - Analog Devices ADTL084ARZ Datasheet HTML 5Page - Analog Devices ADTL084ARZ Datasheet HTML 6Page - Analog Devices ADTL084ARZ Datasheet HTML 7Page - Analog Devices ADTL084ARZ Datasheet HTML 8Page - Analog Devices ADTL084ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost JFET Input
Operational Amplifiers
ADTL082/ADTL084
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
TL082/TL084 compatible
Low input bias current: 10 pA maximum
Offset voltage
5.5 mV maximum (ADTL082A/ADTL084A)
9 mV maximum (ADTL082J/ADTL084J)
±15 V operation
Low noise: 16 nV/√Hz
Wide bandwidth: 5 MHz
Slew rate: 20 V/μs
CMRR: 80 dB minimum
Total harmonic distortion: 0.001%
Supply current: 1.2 mA typical
Unity-gain stable
APPLICATIONS
General-purpose amplification
Power control and monitoring
Active filters
Industrial/process control
Data acquisition
Sample and hold circuits
Integrators
Input buffering
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
–V 4
+V
8
OUT B
7
–IN B
6
+IN B
5
ADTL082J
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R-8)
OUT A 1
–IN A 2
+IN A 3
–V 4
+V
8
OUT B
7
–IN B
6
+IN B
5
ADTL082A
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
OUT A 1
–IN A 2
+IN A 3
+V 4
OUT D
14
–IN D
13
+IN D
12
–V
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
ADTL084J
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead SOIC_N (R-14)
ADTL084A
1
2
3
4
5
6
7
–IN A
+IN A
+V
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
–V
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
The ADTL082 and ADTL084 are JFET input amplifiers that
provide industry-leading performance over TL08x devices.
The ADTL082A and ADTL084A are improved versions of
TL08x A, I, and Q grades. The ADTL082J and ADTL084J are
industry alternatives to the TL08x standard and C grades.
The ADTL08x family offers lower noise, offset voltage, offset
drift over temperature, and bias current over the TL08x. In
addition, the ADLT08x family has better common-mode
rejection and slew rates.
These op amps are ideal for various applications, including
process control, industrial and instrumentation equipment,
active filtering, data conversion, buffering, and power control
and monitoring.
The A grade amplifiers are available in lead-free packaging. The
standard grade amplifiers are available in both leaded and lead-
free packaging.
The ADTL082A and ADTL084A are specified over the extended
industrial (−40°C to +125°C) temperature range. The ADTL082J
and ADTL084J are specified over the commercial (0°C to 70°C)
temperature range.


Similar Part No. - ADTL084ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTL084ARZ AD-ADTL084ARZ Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
ADTL084ARZ AD-ADTL084ARZ Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
ADTL084ARZ-REEL AD-ADTL084ARZ-REEL Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
ADTL084ARZ-REEL AD-ADTL084ARZ-REEL Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
ADTL084ARZ-REEL7 AD-ADTL084ARZ-REEL7 Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
More results

Similar Description - ADTL084ARZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADTL082 AD-ADTL082 Datasheet
184Kb / 6P
Low Cost JFET Input Operational Amplifiers
Jan-2006
ADA4000-1 AD-ADA4000-1_07 Datasheet
476Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
5/07-Revision 0
ADTL082 AD-ADTL082_07 Datasheet
298Kb / 12P
Low Cost JFET Input Operational Amplifiers
REV. B
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
REV. A
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_16 Datasheet
578Kb / 16P
Low Cost, Precision JFET Input Operational Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com