Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC4052D652 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4052D652
Description  Dual 4-channel analog multiplexer/demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4052D652 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4052D652 Datasheet HTML 9Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 10Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 11Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 12Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 13Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 14Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 15Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 16Page - NXP Semiconductors 74HC4052D652 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
74HC_HCT4052
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 19 July 2012
13 of 29
NXP Semiconductors
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
Table 9.
Dynamic characteristics for 74HC4052
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 40 Cto+85 C[1]
tpd
propagation delay Vis to Vos; RL =  ; see Figure 13
[2]
VCC = 2.0 V; VEE = 0 V
-
14
75
ns
VCC = 4.5 V; VEE =0 V
-
5
15
ns
VCC = 6.0 V; VEE =0 V
-
4
13
ns
VCC = 4.5 V; VEE = 4.5 V
-
4
10
ns
ton
turn-on time
E, Sn to Vos; RL = ; see Figure 14
[3]
VCC = 2.0 V; VEE = 0 V
-
105
405
ns
VCC = 4.5 V; VEE = 0 V
-
38
81
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
28
-
ns
VCC = 6.0 V; VEE = 0 V
-
30
69
ns
VCC = 4.5 V; VEE = 4.5 V
-
26
58
ns
toff
turn-off time
E, Sn to Vos; RL =1 k; see Figure 14
[4]
VCC = 2.0 V; VEE = 0 V
-
74
315
ns
VCC = 4.5 V; VEE = 0 V
-
27
63
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
21
-
ns
VCC = 6.0 V; VEE = 0 V
-
22
54
ns
VCC = 4.5 V; VEE = 4.5 V
-
22
48
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC
[5] -57
-
pF
Tamb = 40 C to +125 C
tpd
propagation delay Vis to Vos; RL =  ; see Figure 13
[2]
VCC = 2.0 V; VEE =0 V
-
-
90
ns
VCC = 4.5 V; VEE =0 V
-
-
18
ns
VCC = 6.0 V; VEE =0 V
-
-
15
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
12
ns
ton
turn-on time
E, Sn to Vos; RL = ; see Figure 14
[3]
VCC = 2.0 V; VEE =0 V
-
-
490
ns
VCC = 4.5 V; VEE =0 V
-
-
98
ns
VCC = 6.0 V; VEE =0 V
-
-
83
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
69
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com