Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSU102IQ2T Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSU102IQ2T
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102IQ2T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSU102IQ2T Datasheet HTML 25Page - STMicroelectronics TSU102IQ2T Datasheet HTML 26Page - STMicroelectronics TSU102IQ2T Datasheet HTML 27Page - STMicroelectronics TSU102IQ2T Datasheet HTML 28Page - STMicroelectronics TSU102IQ2T Datasheet HTML 29Page - STMicroelectronics TSU102IQ2T Datasheet HTML 30Page - STMicroelectronics TSU102IQ2T Datasheet HTML 31Page - STMicroelectronics TSU102IQ2T Datasheet HTML 32Page - STMicroelectronics TSU102IQ2T Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
DocID024317 Rev 2
29/33
TSU101, TSU102, TSU104
Package information
33
5.5
QFN16 package information
Figure 46. QFN16 package mechanical drawing
Table 10.
QFN16 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.2
0.008
b
0.18
0.23
0.30
0.007
0.009
0.012
D3.00
0.118
D2
1.00
1.15
1.25
0.039
0.045
0.049
E3.00
0.118
E2
1.00
1.15
1.25
0.039
0.045
0.049
e
0.5
0.02
K0.2
0.008
L
0.30
0.40
0.50
0.012
0.016
0.020
r0.09
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com