Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP150AUJZ-3.3-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP150AUJZ-3.3-R7
Description  Setting Up the Evaluation Board for the ADP150
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-3.3-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP150AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP150AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Evaluation Board User Guide
UG-054
Rev. 0 | Page 3 of 8
EVALUATION BOARD HARDWARE
EVALUATION BOARD CONFIGURATIONS
The ADP150 evaluation board is supplied with different com-
ponents, depending on the version that is ordered. Components
common to both versions are C2, C4, and J1. Figure 3 and Figure 4
show the schematics of these evaluation board configurations.
Table 1 describes the components.
1
2
3
5
4
C3
C4
C1
C2
J1
VOUT
VIN
VOUT
VIN
GND
NC
EN
U1
Figure 3. Evaluation Board Schematic, TSOT
J1
C1
C2
C3
C4
VIN
VOUT
VIN
VOUT
U1
EN
GND
Figure 4. Evaluation Board Schematic, WLCSP
Table 1. Evaluation Board Hardware Components
Component
Description
U11
ADP150 low dropout linear regulator
C12
Input bypass capacitor, 1 μF, 0402 size (not
populated)
C2
Input bypass capacitor, 1 μF, 0603 size
C32
Output capacitor, 1 μF, 0402 size (not populated)
C4
Output capacitor, 1 μF, 0603 size
J1
Jumper (connects EN to VIN for automatic
startup)
1 The evaluation board with the WLCSP package is the ADP150CB-3.3-EVALZ.
The evaluation board with the TSOT package is the ADP150UJ-3.3-EVALZ.
2 C1 and C3 are not populated. The ADP150 evaluation board requires only
one input bypass capacitor and one output capacitor for stable operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com