Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA4580RF Datasheet(PDF) 20 Page - Rohm

Part # BA4580RF
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RF Datasheet(HTML) 20 Page - Rohm

Back Button BA4580RF Datasheet HTML 16Page - Rohm BA4580RF Datasheet HTML 17Page - Rohm BA4580RF Datasheet HTML 18Page - Rohm BA4580RF Datasheet HTML 19Page - Rohm BA4580RF Datasheet HTML 20Page - Rohm BA4580RF Datasheet HTML 21Page - Rohm BA4580RF Datasheet HTML 22Page - Rohm BA4580RF Datasheet HTML 23Page - Rohm BA4580RF Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Technical Note
20/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data BA4560R family
(*)The above data is ability value of sample, it is not guaranteed.
0
10
20
30
40
50
60
1.E+00
1.E+02
1.E+04
1.E+06
1.E+08
FREQUENCY [Hz]
-180
-150
-120
-90
-60
-30
0
-5
-4
-3
-2
-1
0
1
2
3
4
5
02468
COMMON MODE INPUT VOLTAGE [V]
0
20
40
60
80
1
100
10000
FREQUENCY [Hz]
0.0001
0.001
0.01
0.1
1
0.1
1
10
OUTPUT VOLTAGE [Vrms]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
-60
-40
-20
0
20
40
60
±0
±2
±4
±6
±8 ±10 ±12 ±14 ±16
SUPPLY VOLTAGE [V]
0.0
1.0
2.0
3.0
4.0
5.0
±2
±4
±6
±8
±10
±12
±14
±16
SUPPLY VOLTAGE [V]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
Equivalent Input Noise Voltage - Frequency
(VCC/VEE=+15[V]/-15[V], Rs=100[Ω], Ta=25[℃])
Total Harmonic Distortion - Output Voltage
(VCC/VEE=+15[V]/-15[V], Av=20[dB],
RL=2[kΩ], 80[kHz]-LPF, Ta=25[℃])
Slew Rate - Supply Voltage
(CL=100[pF], RL=2[kΩ], Ta=25[℃])
Common Mode Rejection Ratio
- Ambient Temperature
(VCC/VEE=+15[V]/-15[V], Vicm=-12[V] to +12[V])
-60
-40
-20
0
20
40
60
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [°C]
Input Offset Current - Ambient Temperature
(Vicm=0[V], Vout=0[V])
105℃
-40℃
25℃
Power Supply Rejection Ratio
- Ambient Temperature
(VCC/VEE=+4[V]/-4[V] to +15[V]/-15[V])
Input Offset Current - Supply Voltage
(Vicm=0[V], Vout=0[V])
±4V
±15V
±7.5V
0
5
10
15
20
25
30
10
100
1000
10000 100000 100000
0
FREQUENCY [Hz]
Maximum Output Voltage Swing - Frequency
(VCC/VEE=+15[V]/-15[V], RL=2[kΩ], Ta=25[℃])
Input Offset Voltage
-
Common Mode Input Voltage
(VCC=8[V], Vout=4[V])
105℃
25℃
-40℃
GAIN
PHASE
Voltage Gain - Frequency (VCC/VEE=+15[V]/-15[V],
Av=40[dB], RL=2[kΩ], Ta=25[℃])
20Hz
1kHz
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
BA4560R family
Fig. 79
Fig. 80
Fig. 81
Fig. 82
Fig. 83
Fig. 84
Fig. 85
Fig. 86
Fig. 87
Fig. 88
20kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com