Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS1-9V-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JS1-9V-F
Description  1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JS1-9V-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JS1-9V-F Datasheet HTML 1Page - Panasonic Semiconductor JS1-9V-F Datasheet HTML 2Page - Panasonic Semiconductor JS1-9V-F Datasheet HTML 3Page - Panasonic Semiconductor JS1-9V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
JS
ASCTB186E 201202-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*3. When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1
°C 33.8°F with
20
°C 68°F as a reference) and use a coil impressed voltage that is within the maximum applied voltage range.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Contact material
AgSnO2 type
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Arrangement
1 Form A, 1 Form C
1 Form A Long endurance type
Rating
Nominal switching capacity (resistive load)
10 A 250 V AC (NO), 10 A 125 V AC,
6 A 277 V AC, 5 A 30 V DC
10 A 250 V AC, 10 A 277 V AC, 5 A 30 V DC
Max. switching power (resistive load)
2,500VA 150W (NO), 1,662VA 150W (NC)
2,770VA 150W
Max. switching voltage
250V AC, 100V DC (0.5A)
Max. switching current
10A (AC), 5A (DC)
Nominal operating power
360mW
Min. switching capacity*1
100mA, 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
1,500 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)
Max. 35
°C 95°F (By resistive method, nominal coil voltage applied to the coil;
contact carrying current: 10A, at 70
°C 158°F)
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 10 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 10 ms (excluding contact bounce time) (Without diode)
Mechanical
characteristics
Shock resistance
Functional
98 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2 mm
Expected life
Mechanical (at 180 times/min.)
Min. 107
Electrical (resistive load)
1
×105
[10A 125V AC, 6A 277V AC, 5A 30V DC]
5
×104 (NO contact only)
[10A 250V AC]
2
×105
[10A 277V AC]
1.5
×105
[10A 250V AC (at 20 times/min., 105
°C 221°F)]
1
×105
[5A 30V DC]
Conditions
Conditions for operation, transport and storage*2
–40
°C to +70°C –40°F to +158°F
(Class E insulation)
–40
°C to +85°C –40°F to +185°F
(Class B insulation)*3
–40
°C to +105°C –40°F to +221°F
(Class F insulation)*3
Humidity: 5 to 85% R.H. (Not freezing and
condensing at low temperature)
–40
°C to +105°C –40°F to +221°F*3;
Humidity: 5 to 85% R.H. (Not freezing and
condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 12 g .423 oz
1. Maximum value for switching capacity
2.-(1) Coil temperature rise
Sample: 5 pcs., JS1a-24V-F
Measured portion: Inside the coil
Contact current: 5 A
2.-(2) Coil temperature rise
Sample: 5 pcs., JS1a-24V-F
Measured portion: Inside the coil
Contact current: 10 A
Contact voltage, V
10
30
1
10
100
100
AC resistive load
DC resistive load
100
140
120
160
10
20
30
40
50
60
0
Coil applied voltage, %V
85
°C
70
°C
26
°C
100
140
120
160
10
20
30
40
50
60
0
Coil applied voltage, %V
85
°C
70
°C
26
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com