Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2E2 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E2E2
Description  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 28Page - Omron Electronics LLC E2E2 Datasheet HTML 29Page - Omron Electronics LLC E2E2 Datasheet HTML 30Page - Omron Electronics LLC E2E2 Datasheet HTML 31Page - Omron Electronics LLC E2E2 Datasheet HTML 32Page - Omron Electronics LLC E2E2 Datasheet HTML 33Page - Omron Electronics LLC E2E2 Datasheet HTML 34Page - Omron Electronics LLC E2E2 Datasheet HTML 35Page - Omron Electronics LLC E2E2 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
E2E/E2E2 Cylindrical Proximity Sensor
Influence of Surrounding Metal
When mounting the E2E within a metal panel, ensure that the clearances given in the following table are maintained. Failure to maintain these
distances may cause deterioration in the performance of the sensor.
d dia.
Model
Item
M8
M12
M18
M30
E2E-X
@D@
DC 2-wire
E2E-X
@T1
AC/DC 2-wire
E2E2-X
@D@
DC 2-wire
Shielded
l
0 mm
d
8 mm
12 mm
18 mm
30 mm
D0 mm
m
4.5 mm
8 mm
20 mm
40 mm
n
12 mm
18 mm
27 mm
45 mm
Unshielded
l
12 mm
15 mm
22 mm
30 mm
d
24 mm
40 mm
70 mm
90 mm
D
12 mm
15 mm
22 mm
30 mm
m
8 mm
20 mm
40 mm
70 mm
n
24 mm
40 mm
70 mm
90 mm
E2E-X
@E@
E2E-X
@F@
DC 3-wire
E2E-X
@Y@
AC 2-wire
E2E2-X
@B@
E2E2-X
@C@
DC 3-wire
E2E2-X
@Y@
AC 2-wire
Shielded
l
0 mm
d
8 mm
12 mm
18 mm
30 mm
D0 mm
m
4.5 mm
8 mm
20 mm
40 mm
n
12 mm
18 mm
27 mm
45 mm
Unshielded
l
6 mm
15 mm
22 mm
30 mm
d
24 mm
40 mm
55 mm
90 mm
D
6 mm
15 mm
22 mm
30 mm
m
8 mm
20 mm
40 mm
70 mm
n
24 mm
36 mm
54 mm
90 mm
Model
Item
3 dia.
4 dia.
M5
5.4 dia.
E2E-X
@C@
E2E-X
@B@
E2E-C
@C@
E2E-C
@B@
DC 3-wire
Shielded
l
0 mm
d
3 mm
4 mm
5 mm
5.4 mm
D0 mm
m
2 mm
2.4 mm
3 mm
3 mm
n
6 mm
6 mm
8 mm
8 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com