Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2E2 Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # E2E2
Description  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2 Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button E2E2 Datasheet HTML 40Page - Omron Electronics LLC E2E2 Datasheet HTML 41Page - Omron Electronics LLC E2E2 Datasheet HTML 42Page - Omron Electronics LLC E2E2 Datasheet HTML 43Page - Omron Electronics LLC E2E2 Datasheet HTML 44Page - Omron Electronics LLC E2E2 Datasheet HTML 45Page - Omron Electronics LLC E2E2 Datasheet HTML 46Page - Omron Electronics LLC E2E2 Datasheet HTML 47Page - Omron Electronics LLC E2E2 Datasheet HTML 48Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
45
E2E2
Pre-wired Models
E2E2-X3D
@
E2E2-X2
@@
E2E2-X8MD
@
E2E2-X5M
@@
E2E2-X7D
@
E2E2-X5
@@
E2E2-X14MD
@
E2E2-X10M
@@
E2E2-X20MD
@
E2E2-X18M
@@
Indicator (See note.)
Two
clamping nuts
Toothed washer
M12
× 1
Indicator (See note.)
Two clamping nuts
Toothed washer
M12
× 1
M18
× 1
Toothed washer
Two clamping nuts
Indicator (See note.)
M18
× 1
Toothed washer
Two clamping nuts
Indicator (See note.)
M30
× 1.5
Toothed washer
Two clamping nuts
Indicator (See note.)
M30
× 1.5
Indicator
(See note.)
Two clamping nuts
Toothed washer
4-dia. vinyl-insulated round cable with
2 conductors (D, Y Models)/3 conductors
(B, C Models) (Conductor cross section:
0.3 mm2, Insulator diameter: 1.3 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
Note: D Models: Operation indicator (red),
setting indicator (green)
B, C, Y Model: Operation indicator (red)
4-dia. vinyl-insulated round cable with 2
conductors (D, Y Models)/3 conductors
(B, C Models) (Conductor cross section:
0.3 mm2, Insulator diameter: 1.3 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
Note: D Models: Operation indicator (red),
setting indicator (green)
B, C, Y Model: Operation indicator (red)
Note: D Models: Operation indicator (red),
setting indicator (green)
B, C, Y Model: Operation indicator (red)
Note: D Models: Operation indicator (red),
setting indicator (green)
B, C, Y Model: Operation indicator (red)
Note: D Models: Operation indicator (red),
setting indicator (green)
B, C, Y Model: Operation indicator (red)
Note: D Models: Operation indicator (red),
setting indicator (green)
B, C, Y Model: Operation indicator (red)
6-dia. vinyl-insulated round cable with
2 conductors (D, Y Models)/3 conductors
(B, C Models) (Conductor cross section:
0.5 mm2, Insulator diameter: 1.9 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
6-dia. vinyl-insulated round cable with
2 conductors (D, Y Models)/3 conductors
(B, C Models) (Conductor cross section:
0.5 mm2, Insulator diameter: 1.9 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
6-dia. vinyl-insulated round cable with
2 conductors (D, Y Models)/3 conductors
(B, C Models) (Conductor cross section:
0.5 mm2, Insulator diameter: 1.9 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
6-dia. vinyl-insulated round cable with
2 conductors (D, Y Models)/3 conductors
(B, C Models) (Conductor cross section:
0.5 mm2, Insulator diameter: 1.9 mm),
Standard length: 2 m
The cable can be extended up to 200 m
(separate metal conduit).
E2E2-X10D
@@
E2E2-X10
@@
21 dia.
17
60
55
4
10
9
21 dia.
9 dia.
17
60
55
4
7
10
9
29 dia.
24
65
60
4
10
12
29 dia.
14.8 dia.
24
65
60
4
10
10
12
42 dia.
36
70
65
5
10
12
42 dia.
26.8 dia.
36
70
65
5
13
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com