Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6DTR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32L152C8T6DTR
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6DTR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32L152C8T6DTR Datasheet HTML 51Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 52Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 53Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 54Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 55Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 56Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 57Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 58Page - STMicroelectronics STM32L152C8T6DTR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
55/121
Table 18.
Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C 105 °C
IDD (Run
from
RAM)
Supply current
in Run mode,
code executed
from RAM,
Flash switched
off
fHSE = fHCLK
up to 8 MHz,
included
fHSE = fHCLK/2
above 8 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
200
300
300
300
µA
2 MHz
380
500
500
500
4 MHz
720
860
860
860(3)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
0.9
1
1
1
mA
8 MHz
1.65
2
2
2
16 MHz
3.2
3.7
3.7
3.7
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
2
2.5
2.5
2.5
16 MHz
4
4.5
4.5
4.5
32 MHz
7.7
8.5
8.5
8.5
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
3.3
3.8
3.8
3.8
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
7.8
9.2
9.2
9.2
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
40
60
60
80
µA
MSI clock, 524 kHz
524 kHz
110
140
140
160
MSI clock, 4.2 MHz
4.2 MHz
700
800
800
820
1.
Based on characterization, not tested in production, unless otherwise specified.
2.
Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
3.
Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com