Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151CBT6DTR Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32L151CBT6DTR
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CBT6DTR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32L151CBT6DTR Datasheet HTML 78Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 79Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 80Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 81Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 82Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 83Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 84Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 85Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
82/121
Doc ID 17659 Rev 8
Figure 18.
I/O AC characteristics definition
6.3.13
NRST pin characteristics
The NRST pin input driver uses CMOS technology.
Unless otherwise specified, the parameters given in Table 45 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 14.
ai14131b
10%
90%
50%
tr( IO)out
External
Output
on 50pF
Maximum frequency is achieved if (tr + tf) ≤ 2/3)T and if the duty cycle is (45-55%)
10%
50%
90%
when loaded by 50 pF
T
tf(IO)out
Table 45.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ Max Unit
VIL(NRST)
(1)
1.
Guaranteed by design, not tested in production.
NRST input low level voltage
VSS
0.8
V
VIH(NRST)
(1)
NRST input high level voltage
1.4
VDD
VOL(NRST)
(1)
NRST output low level
voltage
IOL = 2 mA
2.7 V < VDD < 3.6 V
0.4
IOL = 1.5 mA
1.65 V < VDD < 2.7 V
Vhys(NRST)
(1) NRST Schmitt trigger voltage
hysteresis
10%VDD
(2)
2.
200 mV minimum value
mV
RPU
Weak pull-up equivalent
resistor(3)
3.
The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to
the series resistance is around 10%.
VIN = VSS
30
45
60
k
Ω
VF(NRST)
(1)
NRST input filtered pulse
50
ns
VNF(NRST)
(1)
NRST input not filtered pulse
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com