Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151CBT6DTR Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32L151CBT6DTR
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CBT6DTR Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32L151CBT6DTR Datasheet HTML 102Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 103Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 104Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 105Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 106Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 107Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 108Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 109Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 121 page
background image
Package characteristics
STM32L151x6/8/B, STM32L152x6/8/B
106/121
Doc ID 17659 Rev 8
Figure 34.
Recommended footprint
1.
Dimensions are in millimeters.
Table 63.
LQFP64, 10 x 10 mm 64-pin low-profile quad flat package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.600
0.0630
A1
0.050
0.150
0.0020
0.0059
A2
1.400
1.350
1.450
0.0551
0.0531
0.0571
b
0.220
0.170
0.270
0.0087
0.0067
0.0106
c
0.090
0.200
0.0035
0.0079
D
12.000
11.800
12.200
0.4724
0.4646
0.4803
D1
10.000
9.800
10.200
0.3937
0.3858
0.4016
D3
7.500
0.2953
E
12.000
11.800
12.200
0.4724
0.4646
0.4803
E1
10.000
9.800
10.200
0.3937
0.3858
0.4016
E3
7.500
0.2953
e
0.500
0.0197
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
0.0394
ccc
0.080
0.0031
K
3.5
0.0
7.0
3.5
0.0
7.0
48
32
49
64
17
116
1.2
0.3
33
10.3
12.7
10.3
0.5
7.8
12.7
ai14909



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com