Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151CBT6DTR Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32L151CBT6DTR
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CBT6DTR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32L151CBT6DTR Datasheet HTML 108Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 109Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 110Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 111Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 112Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 113Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 114Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 115Page - STMicroelectronics STM32L151CBT6DTR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 121 page
background image
Package characteristics
STM32L151x6/8/B, STM32L152x6/8/B
112/121
Doc ID 17659 Rev 8
Figure 40.
TFBGA64 - 8.0x8.0x1.2 mm, 0.5 mm pitch, package outline
1.
Drawing is not to scale.
Table 67.
TFBGA64 - 8.0x8.0x1.2 mm, 0.5 mm pitch, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.200
0.0472
A1
0.150
0.0059
A2
0.200
0.0079
A4
0.600
0.0236
b
0.300
0.250
0.350
0.0118
0.0098
0.0138
D
5.000
4.850
5.150
0.1969
0.1909
0.2028
D1
3.500
0.1378
E
5.000
4.850
5.150
0.1969
0.1909
0.2028
E1
3.500
0.1378
e
0.500
0.0197
F
0.750
0.0295
ddd
0.080
0.0031
eee
0.150
0.0059
fff
0.050
0.0020
R8_ME_V3
Seating plane
A1
eF
F
D
H
Øb (64 balls)
A
E
TOP VIEW
BOTTOM VIEW
1
8
e
A
Y
X
Z
ddd Z
D1
E1
eee
Z Y X
fff
Ø
Ø
M
M
Z
A2
A4
A1 ball
identifier
A1 ball
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com