Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC201 Datasheet(PDF) 18 Page - Microchip Technology

Part # DSPIC33FJ12MC201
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSPIC33FJ12MC201 Datasheet HTML 14Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 15Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 16Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ12MC201 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 304 page
background image
dsPIC33FJ12MC201/202
DS70265E-page 18
© 2007-2011 Microchip Technology Inc.
2.7
Oscillator Value Conditions on
Device Start-up
If the PLL of the target device is enabled and
configured for the device start-up oscillator, the
maximum oscillator source frequency must be limited
to 4 MHz < FIN < 8 MHz to comply with device PLL
start-up conditions. This means that if the external
oscillator frequency is outside this range, the
application must start-up in the FRC mode first. The
default PLL settings after a POR with an oscillator
frequency outside this range will violate the device
operating speed.
Once the device powers up, the application firmware
can initialize the PLL SFRs, CLKDIV, and PLLDBF to a
suitable value, and then perform a clock switch to the
Oscillator + PLL clock source. Note that clock switching
must be enabled in the device Configuration word.
2.8
Configuration of Analog and
Digital Pins During ICSP
Operations
If MPLAB ICD 2, MPLAB ICD 3, or MPLAB REAL ICE
in-circuit emulator is selected as a debugger, it
automatically initializes all of the A/D input pins (ANx)
as “digital” pins, by setting all bits in the AD1PCFGL
register.
The bits in the register that correspond to the A/D pins
that are initialized by MPLAB ICD 2, MPLAB ICD 3, or
MPLAB REAL ICE in-circuit emulator, must not be
cleared by the user application firmware; otherwise,
communication errors will result between the debugger
and the device.
If your application needs to use certain A/D pins as
analog input pins during the debug session, the user
application must clear the corresponding bits in the
AD1PCFGL register during initialization of the ADC
module.
When MPLAB ICD 2, MPLAB ICD 3, or MPLAB REAL
ICE in-circuit emulator is used as a programmer, the
user application firmware must correctly configure the
AD1PCFGL register. Automatic initialization of this
register is only done during debugger operation.
Failure to correctly configure the register(s) will result in
all A/D pins being recognized as analog input pins,
resulting in the port value being read as a logic ‘0’,
which may affect user application functionality.
2.9
Unused I/Os
Unused I/O pins should be configured as outputs and
driven to a logic-low state.
Alternately, connect a 1k to 10k resistor between VSS
and unused pins and drive the output to logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com