Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1640B-ICH Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1640B-ICH
Description  0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B-ICH Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1640B-ICH Datasheet HTML 17Page - Microchip Technology MCP1640B-ICH Datasheet HTML 18Page - Microchip Technology MCP1640B-ICH Datasheet HTML 19Page - Microchip Technology MCP1640B-ICH Datasheet HTML 20Page - Microchip Technology MCP1640B-ICH Datasheet HTML 21Page - Microchip Technology MCP1640B-ICH Datasheet HTML 22Page - Microchip Technology MCP1640B-ICH Datasheet HTML 23Page - Microchip Technology MCP1640B-ICH Datasheet HTML 24Page - Microchip Technology MCP1640B-ICH Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2011 Microchip Technology Inc.
DS22234B-page 21
MCP1640/B/C/D
7.0
PACKAGING INFORMATION
7.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
XXNN
Example
BZNN
XXX
8-Lead DFN
YWW
NN
AHM
Example
945
25
Package Marking
MCP1640
BZNN
MCP1640C
BXNN
MCP1640B
BWNN
MCP1640D
BYNN
Package Marking
MCP1640
AHM
MCP1640C
AHQ
MCP1640C
AHP
MCP1640D
AHR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com