Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1640B-IMC Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1640B-IMC
Description  0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B-IMC Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1640B-IMC Datasheet HTML 15Page - Microchip Technology MCP1640B-IMC Datasheet HTML 16Page - Microchip Technology MCP1640B-IMC Datasheet HTML 17Page - Microchip Technology MCP1640B-IMC Datasheet HTML 18Page - Microchip Technology MCP1640B-IMC Datasheet HTML 19Page - Microchip Technology MCP1640B-IMC Datasheet HTML 20Page - Microchip Technology MCP1640B-IMC Datasheet HTML 21Page - Microchip Technology MCP1640B-IMC Datasheet HTML 22Page - Microchip Technology MCP1640B-IMC Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2011 Microchip Technology Inc.
DS22234B-page 19
MCP1640/B/C/D
6.0
TYPICAL APPLICATION CIRCUITS
FIGURE 6-1:
Manganese Lithium Coin Cell Application Using Bypass Mode.
FIGURE 6-2:
USB On-The-Go Powered by Li-Ion.
VIN
GND
VFB
SW
VOUT
5.0V @ 5 mA
COUT
10
µF
CIN
4.7
µF
L1
4.7
µH
VOUT
976 K
309 K
EN
MANGANESE LITHIUM
DIOXIDE BUTTON CELL
2.0V TO 3.2V
+
-
FROM PIC® MCU I/O
Note:
For applications that can operate directly from the battery input voltage during Sleep mode and
require a higher voltage during Normal Run mode, the MCP1640C device provides input to out-
put bypass when disabled. The PIC® microcontroller is powered by the output of the MCP1640C.
One of its I/O pins is used to enable and disable the MCP1640C to control its bias voltage. While
operating in Sleep mode, the MCP1640C input quiescent current is typically less than 1 uA.
VIN
PGND
VFB
SW
VIN
3.3V To 4.2V
VOUT
5.0V @ 350 mA
COUT
10
µF
CIN
10
µF
L1
10
µH
VOUTS
+
-
976 K
309 K
VOUTP
SGND
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com