Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32MC302ESP Datasheet(PDF) 21 Page - Microchip Technology

Part # DSPIC33FJ32MC302ESP
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC302ESP Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSPIC33FJ32MC302ESP Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 19Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 20Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 21Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 22Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 23Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 24Page - Microchip Technology DSPIC33FJ32MC302ESP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 460 page
background image
© 2007-2012 Microchip Technology Inc.
DS70291G-page 21
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
3.0
CPU
3.1
Overview
The dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/
X04 and dsPIC33FJ128MCX02/X04 CPU module has
a 16-bit (data) modified Harvard architecture with an
enhanced instruction set, including significant support
for DSP. The CPU has a 24-bit instruction word with a
variable length opcode field. The Program Counter
(PC) is 23 bits wide and addresses up to 4M x 24 bits
of user program memory space. The actual amount of
program memory implemented varies by device. A
single-cycle instruction prefetch mechanism is used to
help maintain throughput and provides predictable
execution. All instructions execute in a single cycle,
with the exception of instructions that change the
program flow, the double-word move (MOV.D)
instruction and the table instructions. Overhead-free
program loop constructs are supported using the DO
and REPEAT instructions, both of which are
interruptible at any time.
The dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/
X04 and dsPIC33FJ128MCX02/X04 devices have
sixteen, 16-bit working registers in the programmer’s
model. Each of the working registers can serve as a
data, address or address offset register. The 16th
working register (W15) operates as a software Stack
Pointer (SP) for interrupts and calls.
There are two classes of instruction in the
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04
and dsPIC33FJ128MCX02/X04 devices: MCU and
DSP. These two instruction classes are seamlessly
integrated into a single CPU. The instruction set
includes many addressing modes and is designed for
optimum C compiler efficiency. For most instructions,
the dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/
X04 and dsPIC33FJ128MCX02/X04 is capable of
executing a data (or program data) memory read, a
working register (data) read, a data memory write and
a program (instruction) memory read per instruction
cycle. As a result, three parameter instructions can be
supported, allowing A + B = C operations to be
executed in a single cycle.
A block diagram of the CPU is shown in Figure 3-1, and
the programmer’s model for the dsPIC33FJ32MC302/
304,
dsPIC33FJ64MCX02/X04
and
dsPIC33FJ128MCX02/X04 is shown in Figure 3-2.
3.2
Data Addressing Overview
The data space can be addressed as 32K words or
64 Kbytes and is split into two blocks, referred to as X
and Y data memory. Each memory block has its own
independent Address Generation Unit (AGU). The
MCU class of instructions operates solely through the
X memory AGU, which accesses the entire memory
map as one linear data space. Certain DSP instructions
operate through the X and Y AGUs to support dual
operand reads, which splits the data address space
into two parts. The X and Y data space boundary is
device-specific.
Overhead-free circular buffers (Modulo Addressing
mode) are supported in both X and Y address spaces.
The Modulo Addressing removes the software
boundary checking overhead for DSP algorithms.
Furthermore, the X AGU circular addressing can be
used with any of the MCU class of instructions. The X
AGU also supports Bit-Reversed Addressing to greatly
simplify input or output data reordering for radix-2 FFT
algorithms.
The upper 32 Kbytes of the data space memory map
can optionally be mapped into program space at any
16K program word boundary defined by the 8-bit
Program Space Visibility Page (PSVPAG) register. The
program-to-data-space mapping feature lets any
instruction access program space as if it were data
space.
Note 1: This data sheet summarizes the features
of
dsPIC33FJ32MC302/304,
dsPIC33FJ64MCX02/X04
and
dsPIC33FJ128MCX02/X04
family
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 2. “CPU”
(DS70204) of the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com