Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1825T-ESS Datasheet(PDF) 392 Page - Microchip Technology

Part # PIC16F1825T-ESS
Description  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1825T-ESS Datasheet(HTML) 392 Page - Microchip Technology

Back Button PIC16F1825T-ESS Datasheet HTML 388Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 389Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 390Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 391Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 392Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 393Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 394Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 395Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 396Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 448 page
background image
PIC16(L)F1825/1829
DS41440C-page 394
 2010-2012 Microchip Technology Inc.
FIGURE 31-29:
IPD, TIMER1 OSCILLATOR (FOSC = 32 kHz), PIC16LF1825/1829 ONLY
FIGURE 31-30:
IPD, TIMER1 OSCILLATOR (FOSC = 32 kHz), PIC16F1825/1829 ONLY
6.0
Typical
Max.
3.0
4.0
5.0
6.0
Max: 85°C + 3
Typical: 25°C
Typical
0.0
1.0
2.0
3.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
0.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
VDD (V)
35
Typical
Max.
15
20
25
30
35
0
5
10
15
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Max: 85°C + 3
Typical: 25°C
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com