Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1825T-ESS Datasheet(PDF) 435 Page - Microchip Technology

Part # PIC16F1825T-ESS
Description  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1825T-ESS Datasheet(HTML) 435 Page - Microchip Technology

Back Button PIC16F1825T-ESS Datasheet HTML 431Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 432Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 433Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 434Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 435Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 436Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 437Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 438Page - Microchip Technology PIC16F1825T-ESS Datasheet HTML 439Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 448 page
background image
 2010-2012 Microchip Technology Inc.
DS41440C-page 437
PIC16(L)F1825/1829
APPENDIX A: DATA SHEET
REVISION HISTORY
Revision A (08/2010)
Original release.
Revision B (05/2011)
Revised Electrical Specifications.
Revision C (06/2012)
Updated the Family Types table; Updated Figures 1, 2
and 3; Updated Table 3-3; Changed all instances of
SDO into SDO1, SDOSEL into SDO1SEL and SSSEL
into SS1SEL; Added PIR3, PIR4, PIE3 and PIE4 to
Table 3-3; Updated Register 4-2; Updated Sections
5.2.2.5 and 5.5.3; Added Note 1 to Table 11-3; Updated
Figure 13-1 and Equation 16-1; Updated Section 19.9;
Added charts to the DC and AC Characteristics Graphs
section; Revised the Electrical Specifications section;
Updated the Packaging Information section; Updated
the Product Identification System section; Other minor
corrections.
APPENDIX B: MIGRATING FROM
OTHER PIC®
DEVICES
This shows a comparison of features in the migration
from the PIC16F648 device to the PIC16(L)F1825/1829
family of devices.
This section provides comparisons when migrating from
other similar PIC® devices to the PIC16(L)F1825/1829
family of devices.
B.1
PIC16F648A to PIC16F1825/1829
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F648A
PIC16F1825/1829
Max. Operating
Speed
20 MHz
32 MHz
Max. Program
Memory (Words)
4K
8K
Max. SRAM (Bytes)
256
1024
Max. EEPROM
(Bytes)
256
256
A/D Resolution
10-bit
10-bit
Timers (8/16-bit)
2/1
4/1
Brown-out Reset
Y
Y
Internal Pull-ups
RB<7:0>
PIC16F1825:
RA<5:0>, RC<5:0>
DSTEMP:
RA<5:0>, RB<7:4>,
RC<7:0>
Interrupt-on-change
RB<7:4>
PIC16F1825:
RA<5:0>, Edge
Selectable
DSTEMP:
RA<5:0>, RB<7:4>,
Edge Selectable
Comparator
2
2
AUSART/EUSART
1/0
0/1
Extended WDT
N
Y
Software Control
Option of WDT/BOR
NY
INTOSC
Frequencies
48 kHz or
4 MHz
31 kHz - 32 MHz
Clock Switching
Y
Y
Capacitive Sensing
N
Y
CCP/ECCP
2/0
2/2
Enhanced PIC16
CPU
NY
MSSPx/SSPx
0
2/0
Reference Clock
N
Y
Data Signal
Modulator
NY
SR Latch
N
Y
Voltage Reference
N
Y
DAC
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com