Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32MC302EMM Datasheet(PDF) 14 Page - Microchip Technology

Part # DSPIC33FJ32MC302EMM
Description  16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
PDF  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC302EMM Datasheet(HTML) 14 Page - Microchip Technology

Back Button DSPIC33FJ32MC302EMM Datasheet HTML 10Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 11Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 12Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 13Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 14Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32MC302EMM Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 460 page
background image
dsPIC33FJ32MC302/304, dsPIC33FJ64MCX02/X04 AND dsPIC33FJ128MCX02/X04
DS70291G-page 14
© 2007-2012 Microchip Technology Inc.
TMS
TCK
TDI
TDO
I
I
I
O
ST
ST
ST
—
No
No
No
No
JTAG Test mode select pin.
JTAG test clock input pin.
JTAG test data input pin.
JTAG test data output pin.
INDX1
QEA1
QEB1
UPDN1
I
I
I
O
ST
ST
ST
CMOS
Yes
Yes
Yes
Yes
Quadrature Encoder Index1 Pulse input.
Quadrature Encoder Phase A input in QEI1 mode. Auxiliary Timer
External Clock/Gate input in Timer mode.
Quadrature Encoder Phase A input in QEI1 mode. Auxiliary Timer
External Clock/Gate input in Timer mode.
Position Up/Down Counter Direction State.
INDX2
QEA2
QEB2
UPDN2
I
I
I
O
ST
ST
ST
CMOS
Yes
Yes
Yes
Yes
Quadrature Encoder Index2 Pulse input.
Quadrature Encoder Phase A input in QEI2 mode. Auxiliary Timer
External Clock/Gate input in Timer mode.
Quadrature Encoder Phase A input in QEI2 mode. Auxiliary Timer
External Clock/Gate input in Timer mode.
Position Up/Down Counter Direction State.
C1RX
C1TX
I
O
ST
—
Yes
Yes
ECAN1 bus receive pin.
ECAN1 bus transmit pin.
RTCC
O
—
No
Real-Time Clock Alarm Output.
CVREF
O
ANA
No
Comparator Voltage Reference Output.
C1IN-
C1IN+
C1OUT
I
I
O
ANA
ANA
—
No
No
Yes
Comparator 1 Negative Input.
Comparator 1 Positive Input.
Comparator 1 Output.
C2IN-
C2IN+
C2OUT
I
I
O
ANA
ANA
—
No
No
Yes
Comparator 2 Negative Input.
Comparator 2 Positive Input.
Comparator 2 Output.
PMA0
PMA1
PMA2 -PMPA10
PMBE
PMCS1
PMD0-PMPD7
PMRD
PMWR
I/O
I/O
O
O
O
I/O
O
O
TTL/ST
TTL/ST
—
—
—
TTL/ST
—
—
No
No
No
No
No
No
No
No
Parallel Master Port Address Bit 0 Input (Buffered Slave modes) and
Output (Master modes).
Parallel Master Port Address Bit 1 Input (Buffered Slave modes) and
Output (Master modes).
Parallel Master Port Address (Demultiplexed Master modes).
Parallel Master Port Byte Enable Strobe.
Parallel Master Port Chip Select 1 Strobe.
Parallel Master Port Data (Demultiplexed Master mode) or Address/
Data (Multiplexed Master modes).
Parallel Master Port Read Strobe.
Parallel Master Port Write Strobe.
DAC1RN
DAC1RP
DAC1RM
O
O
O
—
—
—
No
No
No
DAC1 Negative Output.
DAC1 Positive Output.
DAC1 Output indicating middle point value (typically 1.65V).
DAC2RN
DAC2RP
DAC2RM
O
O
O
—
—
—
No
No
No
DAC2 Negative Output.
DAC2 Positive Output.
DAC2 Output indicating middle point value (typically 1.65V).
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Type
Buffer
Type
PPS
Description
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
PPS = Peripheral Pin Select
TTL = TTL input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com