| Electronic Components Datasheet Search |
|
PIC16F1825TT-ESS Datasheet(PDF) 172 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1825TT-ESS Datasheet(HTML) 172 Page - Microchip Technology |
|
172 / 448 page ![]() PIC16(L)F1825/1829 DS41440C-page 172 2010-2012 Microchip Technology Inc. REGISTER 18-2: SRCON1: SR LATCH CONTROL 1 REGISTER R/W-0/0 R/W-0/0 R/W-0/0 R/W-0/0 R/W-0/0 R/W-0/0 R/W-0/0 R/W-0/0 SRSPE SRSCKE SRSC2E(1) SRSC1E SRRPE SRRCKE SRRC2E(1) SRRC1E bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7 SRSPE: SR Latch Peripheral Set Enable bit 1 = SR latch is set when the SRI pin is high 0 = SRI pin has no effect on the set input of the SR latch bit 6 SRSCKE: SR Latch Set Clock Enable bit 1 = Set input of SR latch is pulsed with SRCLK 0 = SRCLK has no effect on the set input of the SR latch bit 5 SRSC2E: SR Latch C2 Set Enable bit(1) 1 = SR latch is set when the C2 Comparator output is high 0 = C2 Comparator output has no effect on the set input of the SR latch bit 4 SRSC1E: SR Latch C1 Set Enable bit 1 = SR latch is set when the C1 Comparator output is high 0 = C1 Comparator output has no effect on the set input of the SR latch bit 3 SRRPE: SR Latch Peripheral Reset Enable bit 1 = SR latch is reset when the SRI pin is high 0 = SRI pin has no effect on the Reset input of the SR latch bit 2 SRRCKE: SR Latch Reset Clock Enable bit 1 = Reset input of SR latch is pulsed with SRCLK 0 = SRCLK has no effect on the Reset input of the SR latch bit 1 SRRC2E: SR Latch C2 Reset Enable bit(1) 1 = SR latch is reset when the C2 Comparator output is high 0 = C2 Comparator output has no effect on the Reset input of the SR latch bit 0 SRRC1E: SR Latch C1 Reset Enable bit 1 = SR latch is reset when the C1 Comparator output is high 0 = C1 Comparator output has no effect on the Reset input of the SR latch Note 1: PIC16(L)F1829 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |