Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1825TT-ESS Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC16F1825TT-ESS
Description  14/20-Pin Flash Microcontrollers with XLP Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1825TT-ESS Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC16F1825TT-ESS Datasheet HTML 171Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 172Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 173Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 174Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 175Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 176Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 177Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 178Page - Microchip Technology PIC16F1825TT-ESS Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 448 page
background image
 2010-2012 Microchip Technology Inc.
DS41440C-page 175
PIC16(L)F1825/1829
19.0 COMPARATOR MODULE
Comparators are used to interface analog circuits to a
digital circuit by comparing two analog voltages and
providing a digital indication of their relative magnitudes.
Comparators are very useful mixed signal building
blocks because they provide analog functionality
independent of program execution. The analog
Comparator module includes the following features:
• Independent comparator control
• Programmable input selection
• Comparator output is available internally/externally
• Programmable output polarity
• Interrupt-on-change
• Wake-up from Sleep
• Programmable Speed/Power optimization
•PWM shutdown
• Programmable and Fixed Voltage Reference
19.1
Comparator Overview
A single comparator is shown in Figure 19-1 along with
the relationship between the analog input levels and
the digital output. When the analog voltage at VIN+ is
less than the analog voltage at VIN-, the output of the
comparator is a digital low level. When the analog
voltage at VIN+ is greater than the analog voltage at
VIN-, the output of the comparator is a digital high level.
FIGURE 19-1:
SINGLE COMPARATOR
FIGURE 19-2:
COMPARATOR MODULE SIMPLIFIED BLOCK DIAGRAM
–
+
VIN+
VIN-
Output
Output
VIN+
VIN-
Note:
The black areas of the output of the
comparator represents the uncertainty
due to input offsets and response time.
Note
1:
When CxON = 0, all multiplexer inputs are disconnected and the Comparator will produce a ‘0’ at the output.
2:
When CxON = 0, all multiplexer inputs are disconnected.
3:
Output of comparator can be frozen during debugging.
MUX(2)
Cx(3)
0
1
2
3
CxON(1)
CxNCH<1:0>
2
0
1
CXPCH<1:0>
C12IN1-
C12IN2-
C12IN3-
CXIN+
MUX(2)
-
+
CxVN
CxVP
CXOUT
async_CxOUT
Q1
D
EN
Q
CXPOL
MCXOUT
Set CxIF
0
1
CXSYNC
CXOE
CXOUT
DQ
DAC_Output
FVR Buffer2
C12IN0-
2
CxSP
CxHYS
det
Interrupt
det
Interrupt
CxINTN
CxINTP
To Data Bus
2
3
VSS
TRIS bit
CxON(1)
(from Timer1)
T1CLK
To Timer1 or
To PWM
SR Latch
sync_CxOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com