Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP432C Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP432C
Description  Adjustable Precision Shunt Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP432C Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP432C Datasheet HTML 1Page - Advanced Power Electronics Corp. AP432C Datasheet HTML 2Page - Advanced Power Electronics Corp. AP432C Datasheet HTML 3Page - Advanced Power Electronics Corp. AP432C Datasheet HTML 4Page - Advanced Power Electronics Corp. AP432C Datasheet HTML 5Page - Advanced Power Electronics Corp. AP432C Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Rating
Parameter
Symbol
Maximum
Units
Cathode Voltage
VKA
8
V
Continuous Cathode Current
I KA
150
mA
Reference Current
I REF
3
mA
Operating Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-45 to 150
°C
230 (SOT-23-3)
Thermal Resistance
θ JA
220 (TO-92)
°C/W
Lead Temperature (Soldering) 10 seconds
TLEAD
260
°C
Electrical Characteristics
Parameter
Symbol
Test Conditions & Circuit
Min
Typ
Max
Unit
1.0%
1228
1240
1252
Reference
Voltage
VREF
Test circuit #1
VKA = VREF, IKA = 10mA
mV
Deviation of Reference Voltage over
Full Temperature Range
VI(DEV)
Test circuit #1
VKA = VREF, IKA = 10mA,
TA = 0°C - 105°C
--
10
25
mV
Ratio of Change in Reference Voltage
to the Change in Cathode Voltage
∆VREF/∆VKA
Test circuit #2
IKA = 10mA,
∆VKA = 8V to VREF
--
-1.0
-2.7
mV/V
Reference Current
IREF
Test circuit #2
IKA = 10mA, R1=10kΩ, R2 =
--
0.15
2
µA
Deviation of Reference Current over
Full Temperature Range
II(DEV)
Test circuit #2
IKA = 10mA, R1=10kΩ, R2 =
TA = 0°C - 105°C
--
0.10
0.50
µA
Minimum Cathode Current for
Regulation
IMIN
Test circuit #1
VKA = VREF
--
60
100
µA
Off-state Cathode Current
IOFF
Test circuit #3
VKA = 8V, VREF = 0
--
0.04
0.8
µA
Dynamic Impedance
| ZKA |
Test circuit #1
IKA = 100
µA - 80mA,
VKA = VREF, f
≤ 1kHZ
--
0.30
1
Note 1:
Upon Customer Request.
Advanced Power
Electronics Corp.
AP432C
0.5%
12
33
1240
12
46



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com