Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP431AM Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP431AM
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431AM Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP431AM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 7Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 8Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.a-power.com.tw
1
Advanced Power
Electronics Corp.
AP431A
Features
•
Precision reference voltage
AP431A : 2.495V ± 0.5%
•
Sink current capability: 200mA
•
Minimum cathode current for regulation: 300μA
•
Equivalent full-range temp coefficient: 30 ppm/
oC
•
Fast turn-on response
•
Low dynamic output impedance: 0.2Ω
•
Programmable output voltage to 36V
•
Low output noise.
•
Packages: TO-92,SOT-23, SOT-25 and SOP-8
•
RoHS Compliant & Halogen Free Product
Description
The AP431A are 3-terminal adjustable precision
shunt regulators with guaranteed temperature
stability over the applicable extended commercial
temperature range. The output voltage may be set at
any level greater than 2.495V(VREF) up to 36V merely
by selecting two external resistors that act as a
voltage divider network. These devices have a
typical output impedance of 0.2Ω. Active output
circuitry provides very sharp turn-on characteristics,
making
these
devices
excellent
improved
replacements for Zener diodes in many applications.
The precise (+/-) 1% Reference voltage tolerance of
the AP431A make it possible in many applications to
avoid the use of a variable resistor, consequently
saving cost and eliminating drift and reliability
problems associated with it.
Ordering Information
Typical Application Circuit
+
+
+
+
+
+
+
+
R2
R1
VOUT
VIN
VOUT = (1+R1/R2)VREF
Precision Regulator
Cin
Cout
AP431
AP431A
ADJUSTABLE PRECISION SHUNT
REGULATOR
A
P
4
3
1
A
X
-
X
Package
Reference Voltage
T : TO-92
N/NR : SOT-23
Y : SOT-25
M : SOP-8
Tolerance :
A : +/- 0.5%
B : +/- 1%
G: SOT-89
SOT-89
20130401V6.2


Similar Part No. - AP431AM

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP431A ANACHIP-AP431A Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
logo
Diodes Incorporated
AP431A DIODES-AP431A Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431A DIODES-AP431A Datasheet
303Kb / 16P
ADJUSTABLE PRECISION SHUNT REGULATOR
DS31002 Rev. 15 - 2
logo
Anachip Corp
AP431AA ANACHIP-AP431AA Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
logo
Diodes Incorporated
AP431AG-13 DIODES-AP431AG-13 Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
More results

Similar Description - AP431AM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com