Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EFOS3584B3JM Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EFOS3584B3JM
Description  Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOS3584B3JM Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EFOS3584B3JM Datasheet HTML 1Page - Panasonic Semiconductor EFOS3584B3JM Datasheet HTML 2Page - Panasonic Semiconductor EFOS3584B3JM Datasheet HTML 3Page - Panasonic Semiconductor EFOS3584B3JM Datasheet HTML 4Page - Panasonic Semiconductor EFOS3584B3JM Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC169 –
Type
EFOSM
Type
EFOJM
Type
EFOBM
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 40 6080
Temperature (
°C)
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 406080
Temperature (
°C)
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 40 6080
Temperature (
°C)
30 to 50 MHz
16 to 20 MHz
2.0 to 8.39 MHz
8.4 to 13 MHz
T
C
E
D
r
Wt
φA
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 40 6080
Temperature (
°C)
2.0 to 8.39 MHz
8.4 to13MHz
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 406080
Temperature (
°C)
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–20 020 40 6080
Temperature (
°C)
Type EFOB
Type EFOS
Type EFOSS
8.4 to 13 MHz
4.0 to 8.39 MHz
■ Typical Characteristics ····· Temperature Characteristics
■ Packaging Specifications
● Standard Packing Quantity
● Dimensions for Reel in mm (not to scale)
Type
Embossed Taping
Bulk
EFOS, EFOSM
2500 pcs./reel
500 pcs./bag
EFOSS
2000 pcs./reel
EFOB , EFOBM, EFOJM
1000 pcs./reel
[Type EFOSS, EFOB, EFOBM, EFOJM]
[Type EFOS, EFOSM]
Dim.
(mm)
φA
φBC
D
E
330±5
80 min.
13.0±0.5
21.0±0.8
2.0±0.5
Dim.
(mm)
WT
t
r
16.4
+2.0
22.4 max.
3 max.
1.0
0
Dim.
(mm)
φA
φBC
D
E
180±5
60 min.
13.0±0.5
21.0±0.8
2.0±0.5
Dim.
(mm)
WT
t
r
12.4
+2.0
18.4 max.
3 max.
1.0
0
01 Feb. 2009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com