Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAOC-009872 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009872
Description  Voltage Controlled Oscillator 11.0 - 11.8 GHz Low Phase Noise
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009872 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009872 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009872 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Voltage Controlled Oscillator
11.0 - 11.8 GHz
Rev. V1
MAOC-009872
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 4,5
Electrical Specifications: TA = +25°C, VCC = VBUFFER = 5 V
3, Z0 = 50 Ω
ESD Rating: 1B
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 1B devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Output Power
RF Port, 11.0 - 11.8 GHz
RF/2 Port, 5.5 - 5.9 GHz
dBm
5
2
7
5
SSB Phase Noise
RF Port, 10 kHz Offset
RF Port, 100 kHz Offset
dBc/Hz
-83
-112
Harmonics/Subharmonics
VCC=VBUFFER=VTUNE=5V
RF Port, 1/2 Fo
RF/2 Port, 2Fo
dBc
20
9
Pulling
(Sensitivity to Match)
VCC=VBUFFER=VTUNE=5V
RF Port, VSWR = 1.95:1 to 2.25:1
MHz pk-pk
11.0
Pushing
(Sensitivity to Supply Voltage)
RF Port, VTUNE = 5 V
RF/2 Port, VTUNE = 5 V
MHz/V
5
2.5
Frequency Drift Rate
(Sensitivity to Temperature)
RF Port, 11.0 - 11.8 GHz
RF/2 Port, 5.5 - 5.9 GHz
MHz/ºC
0.8
0.5
Output Return Loss
RF Port, 11.0 - 11.8 GHz
RF/2 Port, 5.5 - 5.9 GHz
dB
-3
-5
Tuning Sensitivity @ RF Port
VTUNE=5 V
GHz/V
0.19
Supply Current
I TOTAL (ICC + IBUFFER)
ICC
IBUFFER
mA
165
145
20
195
165
30
Tune Voltage
VTUNE
V
2
13
Tuning Current Leakage
VTUNE=13 V
µA
5
10
3. VCO can operate over the 4.75 V to 5.25 V supply voltage range.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
6. Operating @ TC ≤ +85ºC will ensure MTBF > 2.5 x 10
6 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 35° C/W.
a) For TC = 25°C, TJ = 53.9°C @ 5 V, 165 mA
b) For TC = 85°C, TJ = 114.8°C @ 5 V, 170 mA
Parameter
Absolute Maximum
Supply Voltage
(VCC & VBUFFER)
+5.5 Vdc
Storage Temperature
-55ºC to +150ºC
Operating Temperature6
-40ºC to +85ºC
VTUNE
0 to +15 Vdc
Junction Temperature7
+135ºC
Case Temperature (TC)
(measured @ exposed pad)
+100ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com