Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12ECT16B8CV1D Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 96Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 97Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 98Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 99Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 100Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 101Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 102Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 103Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
100
The setup time can be ignored for this operation.
A.3.1.4 Mass Erase
Erasing a NVM block takes:
The setup time can be ignored for this operation.
A.3.1.5 Blank Check
The time it takes to perform a blank check on the Flash or EEPROM is dependant on the location of the
first non-blank word starting at relative address zero. It takes one bus cycle per word to verify plus a setup
of the command.
Table A-11 NVM Timing Characteristics
Conditions are shown in Table A-4 unless otherwise noted
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
D External Oscillator Clock
fNVMOSC
0.5
50 1
NOTES:
1. Restrictions for oscillator in crystal mode apply!
MHz
2
D Bus frequency for Programming or Erase Operations
fNVMBUS
1
MHz
3
D Operating Frequency
fNVMOP
150
200
kHz
4
P Single Word Programming Time
tswpgm
46 2
2. Minimum Programming times are achieved under maximum NVM operating frequency fNVMOP and maximum bus frequency
fbus.
74.5 3
3. Maximum Erase and Programming times are achieved under particular combinations of fNVMOP and bus frequency fbus.
Refer to formulae in Sections A.3.1.1 - A.3.1.4 for guidance.
µs
5D Flash Burst Programming consecutive word 4
4. Burst Programming operations are not applicable to EEPROM
tbwpgm
20.4 2
31 3
µs
6D Flash Burst Programming Time for 32 Words 4
tbrpgm
678.4 2
1035.5 3
µs
7
P Sector Erase Time
tera
20 5
5. Minimum Erase times are achieved under maximum NVM operating frequency fNVMOP.
26.7 3
ms
8
P Mass Erase Time
tmass
100 5
133 3
ms
9
D Blank Check Time Flash per block
tcheck
11 6
6. Minimum time, if first word in the array is not blank
32778 7
7. Maximum time to complete check on an erased block
tcyc
10
D Blank Check Time EEPROM per block
tcheck
11 6
20587
tcyc
t
era
4000
1
f
NVMOP
---------------------
⋅
≈
t
mass
20000
1
f
NVMOP
---------------------
⋅
≈
t
check
location t
cyc
10 t
cyc
⋅
+
⋅
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com