Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S12ECT16B8CV1D Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # S12ECT16B8CV1D
Description  MC9S12DJ64 Device User GUide V01.17
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12ECT16B8CV1D Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button S12ECT16B8CV1D Datasheet HTML 104Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 105Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 106Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 107Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 108Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 109Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 110Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 111Page - Freescale Semiconductor, Inc S12ECT16B8CV1D Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 126 page
background image
MC9S12DJ64 Device User Guide — V01.17
108
The phase detector relationship is given by:
ich is the current in tracking mode.
The loop bandwidth fC should be chosen to fulfill the Gardner’s stability criteria by at least a factor of 10,
typical values are 50.
ζ = 0.9 ensures a good transient response.
And finally the frequency relationship is defined as
With the above values the resistance can be calculated. The example is shown for a loop bandwidth
fC=10kHz:
The capacitance Cs can now be calculated as:
The capacitance Cp should be chosen in the range of:
A.5.3.2 Jitter Information
The basic functionality of the PLL is shown in Figure A-2. With each transition of the clock fcmp, the
deviation from the reference clock fref is measured and input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the clock output frequency.
Noise, voltage, temperature and other factors cause slight variations in the control loop resulting in a clock
jitter. This jitter affects the real minimum and maximum clock periods as illustrated in Figure A-3.
KΦ
i
ch
–
K
V
⋅
=
= 316.7Hz/
Ω
f
C
2
ζ f
ref
⋅⋅
πζ
1
ζ
2
+
+


⋅
------------------------------------------
1
10
------
f
C
f
ref
410
⋅
--------------
ζ 0.9
=
()
;
<
→
<
fC < 25kHz
n
f
VCO
f
ref
-------------
2
synr
1
+
()
⋅
==
= 50
R
2
π nf
C
⋅⋅ ⋅
KΦ
-----------------------------
=
=2*
π*50*10kHz/(316.7Hz/Ω)=9.9kΩ=~10kΩ
C
s
2
ζ
2
⋅
π f
C R
⋅⋅
----------------------
0.516
f
C R
⋅
---------------
ζ 0.9
=
()
;
≈
=
= 5.19nF =~ 4.7nF
C
s 20
⁄
C
p
C
s 10
⁄
≤≤
Cp = 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com