Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3P030-1CS144YES Datasheet(PDF) 98 Page - Microsemi Corporation

Part # A3P030-1CS144YES
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030-1CS144YES Datasheet(HTML) 98 Page - Microsemi Corporation

Back Button A3P030-1CS144YES Datasheet HTML 94Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 95Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 96Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 97Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 98Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 99Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 100Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 101Page - Microsemi Corporation A3P030-1CS144YES Datasheet HTML 102Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-84
Revision 13
Global Resource Characteristics
A3P250 Clock Tree Topology
Clock delays are device-specific. Figure 2-27 is an example of a global tree used for clock routing. The
global tree presented in Figure 2-27 is driven by a CCC located on the west side of the A3P250 device. It
is used to drive all D-flip-flops in the device.
Global Tree Timing Characteristics
Global clock delays include the central rib delay, the spine delay, and the row delay. Delays do not
include I/O input buffer clock delays, as these are I/O standard–dependent, and the clock may be driven
and conditioned internally by the CCC module. For more details on clock conditioning capabilities, refer
to the "Clock Conditioning Circuits" section on page 2-89. Table 2-108 to Table 2-114 on page 2-88
present minimum and maximum global clock delays within each device. Minimum and maximum delays
are measured with minimum and maximum loading.
Figure 2-27 • Example of Global Tree Use in an A3P250 Device for Clock Routing
Central
Global Rib
VersaTile
Rows
Global Spine
CCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com