Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP2ADC6V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DSP2ADC6V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSP2ADC6V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DSP2ADC6V Datasheet HTML 1Page - Panasonic Semiconductor DSP2ADC6V Datasheet HTML 2Page - Panasonic Semiconductor DSP2ADC6V Datasheet HTML 3Page - Panasonic Semiconductor DSP2ADC6V Datasheet HTML 4Page - Panasonic Semiconductor DSP2ADC6V Datasheet HTML 5Page - Panasonic Semiconductor DSP2ADC6V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DSP
SPECIFICATIONS (at 20°C 68°F)
8 A MINIATURE
POWER RELAY
IN DS RELAY SERIES
DSP RELAYS
FEATURES
•Power types added to DS relay series
• High switching capacity:
1a: 8 A 250 V AC /
1a1b, 2a: 5 A 250 V AC
• High sensitivity: 190 mW pick-up
power
• High contact welding resistance
• Latching types available
• High breakdown voltage 3,000 Vrms
between contacts and coil 1,000
Vrms between open contacts
Meeting FCC Part 68
• Sealed types are standard
About Cd-free contacts
We have introduced Cadmium free type
products to reduce Environmental
Hazardous Substances.
(The suffix “F” should be added to the
part number)
(Note: The Suffix “F” is required only for
1 Form A 1 Form B contact type.
The 1 Form A and 2 Form A contact type
is originally Cadmium free, the suffix “F”
is not required.)
Please replace parts containing
Cadmium with Cadmium-free products
and evaluate them with your actual
application before use because the life of
a relay depends on the contact material
and load.
DSP1a
DSP1
DSP2a
20.2
.795
11.0
.433
10.5
.413
RoHS Directive compatibility information
http://www.nais-e.com/
mm inch
Contact
Coil (polarized) (at 20
°C 68°F)
Note: All specifications are based on the condition of 25
°C 77°F, 50% R.H. unless
otherwise specified.
#1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the
actual load.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as “Initial breakdown voltage” section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 6. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT
Characteristics
Arrangement
1a
1a1b
2a
Contact material
AgSnO2 type
Initial contact resistance, max.
(By voltage drop 6 V DC 1A)
30 m
Ω
Nominal switching capacity
8A 250
VAC
5A 30
VDC
5A 250 VAC
5A 30 VDC
Rating
(resistive)
Max. switching power
2,000 VA
150 W
1,250 VA
150 W
Max. switching voltage
250 V AC, 30 V DC
Max. switching current
8 A
5 A
Min. switching capacity#1
10 mA, 5 V DC
Expected
life (min.
operations)
Mechanical
(at 180 cpm)
5
×107
Electrical
105
Minimum operating
power
Single side stable
192 mW
2 coil latching
192 mW
Nominal operating
power
Single side stable
300 mW
2 coil latching
300 mW
Max. operating speed
30 cps. at rated load
Initial insulation resistance*1
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
1,000 Vrms
Between contact sets
2,000 Vrms (1a1b, 2a)
Between contacts and
coil
3,000 Vrms
Surge voltage between contacts and
coil
Min. 5,000 V
Set time*3 (at nominal voltage)
Max. 10 ms (Approx. 5 ms)
Reset time*3 (at nominal voltage)
Max. 10 ms (Approx. 4 ms)
Operate time*3 (at nominal voltage)
Max. 10 ms (Approx. 5 ms)
Release time(without diode)*3
(at nominal voltage)
Max. 5 ms (Approx. 4 ms)
Temperature rise
Max. 40
°C (1a1b type)
Max. 55
°C (1a, 2a types)
Soldering temperature
250
°C (10 s) 300°C (5 s),
350
°C (3 s)
Shock
resistance
Functional*4
Min. 196 m/s2 {20 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2 mm
Destructive
205.8 m/s2 {21 G}, 10 to 55 Hz
at double amplitude of 3.5 mm
Conditions for operation, transport
and storage*7
(Not freezing and condensing at low
temperature)
–40
°C to +65°C – 40°F 149°F
Unit weight
Approx. 4.3 g .15 oz
All Rights Reserved © C
OPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - DSP2ADC6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP2A-DC12V NAIS-DSP2A-DC12V Datasheet
174Kb / 5P
MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP2a-DC12V ETC2-DSP2a-DC12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-DC12V PANASONIC-DSP2A-DC12V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP2A-DC12V PANASONIC-DSP2A-DC12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP2ADC6V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Hongfa Technology
HFE12 HONGFA-HFE12 Datasheet
115Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60391 HONGFA-HFE19-60391 Datasheet
55Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10 HONGFA-HFE10 Datasheet
2Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE26 HONGFA-HFE26 Datasheet
66Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Hongfa Technology
HF115F-LS HONGFA-HF115F-LS Datasheet
54Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com