Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GS608 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSPIC33FJ32GS608
Description  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GS608 Datasheet(HTML) 1 Page - Microchip Technology

  DSPIC33FJ32GS608 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32GS608 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 1
dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610
Operating Conditions
• 3.0V to 3.6V, -40ºC to +85ºC, DC to 50 MIPS
• 3.0V to 3.6V, -40ºC to +125ºC, DC to 40 MIPS
Core: 16-Bit dsPIC33F
• Code-Efficient (C and Assembly) Architecture
• Two 40-Bit Wide Accumulators
• Single-Cycle (MAC/MPY) with Dual Data Fetch
• Single-Cycle Mixed-Sign MUL plus Hardware Divide
• 32-Bit Multiply Support
Clock Management
• ±1% Internal Oscillator
• Programmable PLLs and Oscillator Clock Sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer (WDT)
• Fast Wake-up and Start-up
Power Management
• Low-Power Management modes (Sleep, Idle, Doze)
• Integrated Power-on Reset and Brown-out Reset
• 1.7 mA/MHz Dynamic Current (typical)
•50 µA IPD Current (typical)
High-Speed PWM
• Up to 9 PWM Pairs with Independent Timing
• Dead Time for Rising and Falling Edges
• 1.04 ns PWM Resolution
• PWM Support for:
- DC/DC, AC/DC, Inverters, PFC, Lighting
- BLDC, PMSM, ACIM, SRM
• Programmable Fault Inputs
• Flexible Trigger Configurations for ADC Conversions
Advanced Analog Features
• High-Speed ADC module:
- 10-bit resolution with up to two Successive
Approximation Register (SAR) converters (up to
4 Msps)
- Up to 24 input channels grouped into 12
conversion pairs plus two voltage reference
monitoring inputs
- Dedicated result buffer for each analog channel
• Flexible and Independent ADC Trigger Sources
• Up to 4 High-Speed Comparators with Direct
Connection to the PWM module:
- 10-bit Digital-to-Analog Converter (DAC) for each
comparator
- DAC reference output
- Programmable references with 1024 voltage points
Timers/Output Compare/Input Capture
• Six General Purpose Timers:
- Five 16-bit and up to two 32-bit timers/counters
• Four Output Compare (OC) modules Configurable as
Timers/Counters
• Quadrature Encoder Interface (QEI) module
Configurable as Timer/Counter
• Four Input Capture (IC) modules
Communication Interfaces
• Two UART modules (12.5 Mbps):
- With support for LIN/J2602 2.0 protocols and IrDA®
• Two 4-wire SPI modules (15 Mbps)
• ECAN™ module (1 Mbaud) CAN 2.0B Support
•Two I2C™ modules (up to 1 Mbaud) with SMBus
Support
Direct Memory Access (DMA)
• 4-Channel DMA with User-Selectable Priority
Arbitration
• UART, SPI, ECAN™, IC, OC and Timers
Input/Output
• Sink/Source 18 mA on 18 Pins, 10 mA on 1 Pin or
6 mA on 66 Pins
• 5V Tolerant Pins
• Selectable Open-Drain and Pull-ups
• 29 External Interrupts
Qualification and Class B Support
• AEC-Q100 REVG (Grade 1 -40ºC to +125ºC)
• Class B Safety Library, IEC 60730, VDE Certified
Debugger Development Support
• In-Circuit and In-Application Programming
• Two Program and two Complex Data Breakpoints
• IEEE 1149.2 Compatible (JTAG) Boundary Scan
• Trace and Run-Time Watch
16-Bit Digital Signal Controllers with High-Speed PWM,
ADC and Comparators


Similar Part No. - DSPIC33FJ32GS608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
dsPIC33FJ32GS608 MICROCHIP-dsPIC33FJ32GS608 Datasheet
4Mb / 416P
High-Performance, 16-bit Digital Signal Controllers
2009
dsPIC33FJ32GS608 MICROCHIP-dsPIC33FJ32GS608 Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
More results

Similar Description - DSPIC33FJ32GS608

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_12 Datasheet
5Mb / 386P
16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
2008-2012
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001_12 Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ32GS406 MICROCHIP-DSPIC33FJ32GS406_12 Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ16GS504-I-ML MICROCHIP-DSPIC33FJ16GS504-I-ML Datasheet
5Mb / 386P
16-bit Digital Signal Controllers (up to 16 KB Flash and up to 2 KB SRAM) with High-Speed PWM, ADC, and Comparators
11/29/11
DSPIC33FJ06GS101A-I MICROCHIP-DSPIC33FJ06GS101A-I Datasheet
3Mb / 352P
16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33CK64MP105 MICROCHIP-DSPIC33CK64MP105 Datasheet
4Mb / 530P
16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Resolution PWM
08/15/18
DSPIC33CK64MC105 MICROCHIP-DSPIC33CK64MC105 Datasheet
4Mb / 518P
16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Speed PWM
02/28/20
DSPIC33EPXXGS50X MICROCHIP-DSPIC33EPXXGS50X Datasheet
4Mb / 390P
16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
11/07/16
DSPIC33EPXXGS202 MICROCHIP-DSPIC33EPXXGS202 Datasheet
3Mb / 344P
16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
10/25/17
DSPIC33EPXXXGS70X MICROCHIP-DSPIC33EPXXXGS70X Datasheet
4Mb / 484P
16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com