Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

33FJ64GP206 Datasheet(PDF) 60 Page - Microchip Technology

Part # 33FJ64GP206
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ64GP206 Datasheet(HTML) 60 Page - Microchip Technology

Back Button 33FJ64GP206 Datasheet HTML 56Page - Microchip Technology 33FJ64GP206 Datasheet HTML 57Page - Microchip Technology 33FJ64GP206 Datasheet HTML 58Page - Microchip Technology 33FJ64GP206 Datasheet HTML 59Page - Microchip Technology 33FJ64GP206 Datasheet HTML 60Page - Microchip Technology 33FJ64GP206 Datasheet HTML 61Page - Microchip Technology 33FJ64GP206 Datasheet HTML 62Page - Microchip Technology 33FJ64GP206 Datasheet HTML 63Page - Microchip Technology 33FJ64GP206 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
dsPIC33F
DS70155C-page 58
Preliminary
© 2005 Microchip Technology Inc.
13.1
dsPICDEM™ 80-Pin Starter
Development Board
This development board offers a very economical way
to evaluate both the dsPIC30F and dsPIC33F General
Purpose and Motor Control Family devices. This board
is an ideal prototyping tool to help you quickly develop
and validate key design requirements.
Some key features and attributes of the dsPICDEM
80-Pin Starter Development Board include:
• Includes an 80-pin dsPIC30F6014A plug-in
module (MA300014)
• Power input from 9V supply
• Selectable voltage regulator outputs of 5V
and 3.3V
• LEDs, switches, potentiometer, UART interface
• A/D input filter circuit for speech band signal input
• On-board DAC and filter for speech band signal output
• Circuit prototyping area
• Assembly language demonstration program and
tutorial
• Can accommodate 80-pin dsPIC30F6010 plug-in
module (MA300013)
• Can accommodate 100 to 80-pin adapter
dsPIC33F plug-in module (MA330012)
FIGURE 13-1:
dsPICDEM™ 80-PIN
STARTER DEVELOPMENT
BOARD
13.2
Explorer 16 Development Board
This development board offers a very economical way
to evaluate both the dsPIC33F General Purpose and
Motor Control Family devices, as well as the PIC24F
devices. This board is an ideal prototyping tool to help
you
quickly
develop
and
validate
key
design
requirements.
Some key features and attributes of the Explorer 16
Development Board include:
• Includes a 100-pin dsPIC33F plug-in module
(MA330011)
• Includes a 100-pin PIC24 plug-in module
(part # TBD)
• Power input from 9V supply
• Modular design for plug-in demonstration boards,
expansion header
• ICD 2 and JTAG connection for reprogramming
• USB and protocol translation support through
PIC18F4450
• RS-232 connection with firmware and driver
support
• LED bank for general indication
• Serial EEPROM
• 16 x 2 alphanumeric LCD
• Temperature sensor
• Terminal interface program and menu programs
FIGURE 13-2:
EXPLORER 16
DEVELOPMENT BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com