Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302ISO Datasheet(PDF) 235 Page - Microchip Technology

Part # DSPIC33FJMC302ISO
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302ISO Datasheet(HTML) 235 Page - Microchip Technology

Back Button DSPIC33FJMC302ISO Datasheet HTML 231Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 232Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 233Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 234Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 235Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 236Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 237Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 238Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 235
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 24-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter
No.(3)
Typical(2)
Max
Units
Conditions
Idle Current (IIDLE): Core OFF Clock ON Base Current(1)
DC40d
7
20
mA
-40°C
3.3V
10 MIPS
DC40a
6
7
mA
+25°C
DC40b
6
10
mA
+85°C
DC40c
6
20
mA
+125°C
DC41d
10
20
mA
-40°C
3.3V
16 MIPS
DC41a
8
mA
+25°C
9
DC41b
8
10
mA
+85°C
DC41c
8
20
mA
+125°C
DC42d
11
20
mA
-40°C
3.3V
20 MIPS
DC42a
10
10
mA
+25°C
DC42b
10
12
mA
+85°C
DC42c
10
20
mA
+125°C
DC43d
14
25
mA
-40°C
3.3V
30 MIPS
DC43a
13
14
mA
+25°C
DC43b
13
15
mA
+85°C
DC43c
13
25
mA
+125°C
DC44d
14
25
mA
-40°C
3.3V
40 MIPS
DC44a
17
20
mA
+25°C
DC44b
17
20
mA
+85°C
DC44c
18
30
mA
+125°C
Note 1: Base IIDLE current is measured as follows:
• CPU core is off, oscillator is configured in EC mode and external clock active, OSC1 is driven with
external square wave from rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• No peripheral modules are operating; however, every peripheral is being clocked (defined PMDx bits
are set to zero and unimplemented PMDx bits are set to one)
• JTAG is disabled
2: These parameters are characterized but not tested in manufacturing.
3: Data in “Typ” column is at 3.3V, +25ºC unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com