Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302ISO Datasheet(PDF) 237 Page - Microchip Technology

Part # DSPIC33FJMC302ISO
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302ISO Datasheet(HTML) 237 Page - Microchip Technology

Back Button DSPIC33FJMC302ISO Datasheet HTML 233Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 234Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 235Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 236Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 237Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 238Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 239Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 240Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 237
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 24-8:
DC CHARACTERISTICS: DOZE CURRENT (IDOZE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter No.(3)
Typical(2)
Max
Doze
Ratio
Units
Conditions
Doze Current (IDOZE)(1)
DC73a
41
51
1:2
mA
-40°C
3.3V
40 MIPS
DC73f
20
28
1:64
mA
DC73g
19
24
1:128
mA
DC70a
40
46
1:2
mA
+25°C
3.3V
40 MIPS
DC70f
18
20
1:64
mA
DC70g
18
20
1:128
mA
DC71a
40
46
1:2
mA
+85°C
3.3V
40 MIPS
DC71f
18
25
1:64
mA
DC71g
18
20
1:128
mA
DC72a
39
55
1:2
mA
+125°C
3.3V
40 MIPS
DC72f
18
30
1:64
mA
DC72g
18
25
1:128
mA
Note 1: IDOZE is primarily a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption. The test conditions for all IDOZE measurements are as follows:
• Oscillator is configured in EC mode and external clock active, OSC1 is driven with external square
wave from rail-to-rail with overshoot/undershoot < 250 mV
• CLKO is configured as an I/O input pin in the Configuration word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled
• CPU, SRAM, program memory and data memory are operational
• No peripheral modules are operating; however, every peripheral is being clocked (defined PMDx bits
are set to zero and unimplemented PMDx bits are set to one)
• CPU executing while(1) statement
• JTAG is disabled
2: Data in the “Typ” column is at 3.3V, +25ºC unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com