Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304HML Datasheet(PDF) 9 Page - Microchip Technology

Part # DSPIC33FJMC304HML
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304HML Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC33FJMC304HML Datasheet HTML 5Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 6Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 7Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 8Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 9Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 10Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 11Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 12Page - Microchip Technology DSPIC33FJMC304HML Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 9
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following Digital Signal Controller (DSC) devices:
• dsPIC33FJ32MC202
• dsPIC33FJ32MC204
• dsPIC33FJ16MC304
The dsPIC33F devices contain extensive Digital Signal
Processor (DSP) functionality with a high performance
16-bit microcontroller (MCU) architecture.
Figure 1-1 shows a general block diagram of the core
and
peripheral
modules
in
the
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
family of devices. Table 1-1 lists the functions of the
various pins shown in the pinout diagrams.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 devices. It is not
intended to be a comprehensive refer-
ence source. To complement the infor-
mation in this data sheet, refer to the
“dsPIC33F/PIC24H Family Reference
Manual”. Please see the Microchip web
site (www.microchip.com) for the latest
dsPIC33F/PIC24H
Family
Reference
Manual sections.
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More