Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256MC706IPF Datasheet(PDF) 21 Page - Microchip Technology

Part # DSPIC33FJ256MC706IPF
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256MC706IPF Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSPIC33FJ256MC706IPF Datasheet HTML 17Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 18Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 19Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 20Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 21Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 22Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 23Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 24Page - Microchip Technology DSPIC33FJ256MC706IPF Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 19
dsPIC33F
6.0
SYSTEM INTEGRATION
System
management
services
provided
by
the
dsPIC33F device family include:
• Control of clock options and oscillators
• Power-on Reset
• Oscillator Start-up Timer/Stabilizer
• Watchdog Timer with RC oscillator
• Fail-Safe Clock Monitor
• Reset by multiple sources
6.1
Clock Options and Oscillators
There are 7 clock options provided by the dsPIC33F:
• FRC Oscillator
• FRC Oscillator with PLL
• Primary (XT, HS or EC) Oscillator
• Primary Oscillator with PLL
• Secondary (LP) Oscillator
• LPRC Oscillator
The FRC (Fast RC) internal oscillator runs at a nominal
frequency of 7.37 MHz. The user software can tune the
FRC frequency. User software can specify a factor by
which this clock frequency is scaled.
The primary oscillator can use one of the following as
its clock source:
1.
XT (Crystal): Crystals and ceramic resonators in
the range of 3 MHz to 10 MHz. The crystal is
connected to the OSC1 and OSC2 pins.
2.
HS (High-Speed Crystal): Crystals in the range
of 10 MHz to 40 MHz. The crystal is connected
to the OSC1 and OSC2 pins.
3.
EC (External Clock): External clock signal in the
range of 0.8 MHz to 64 MHz. The external clock
signal is directly applied to the OSC1 pin.
The secondary (LP) oscillator is designed for low power
and uses a 32 kHz crystal or ceramic resonator. The LP
oscillator uses the SOSCI and SOSCO pins.
The LPRC (Low-Power RC) internal oscIllator runs at a
nominal frequency of 32.768 kHz. Another scaled
reference clock is used by the Watchdog Timer (WDT)
and Fail-Safe Clock Monitor (FSCM).
The clock signals generated by the FRC and primary
oscillators can be optionally applied to an on-chip
Phase Locked Loop (PLL) to provide a wide range of
output frequencies for device operation. The input to
the PLL can be in the range of 1.6 MHz to 16 MHz, and
the PLL Phase Detector Input Divider, PLL Multiplier
Ratio and PLL Voltage Controlled Oscillator (VCO) can
be individually configured by user software to generate
output frequencies in the range of 25 MHz to 160 MHz.
The output of the oscillator (or the output of the PLL if
a PLL mode has been selected) is divided by 4 to
generate the device instruction clock (FCY). FCY
defines the operating speed of the device, and speeds
up to 40 MHz are supported by the dsPIC33F
architecture.
The dsPIC33F oscillator system provides:
• Various external and internal oscillator options as
clock sources
• An on-chip PLL to scale the internal operating
frequency to the required system clock frequency
• The internal FRC oscillator can also be used with
the PLL, thereby allowing full-speed operation
without any external clock generation hardware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• A Clock Control register (OSCCON)
• Nonvolatile configuration bits for main oscillator
selection.
A simplified block diagram of the oscillator system is
shown in Figure 6-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com