Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP7940N-I/ST Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP7940N-I/ST
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N-I/ST Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP7940N-I/ST Datasheet HTML 13Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 14Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 15Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 16Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 17Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 18Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 19Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 20Page - Microchip Technology MCP7940N-I/ST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 17
MCP7940N
5.2.5
POWER-FAIL TIME-STAMP
The MCP7941X family of RTCC devices feature a
power-fail time-stamp feature. This feature will store
the time at which VCC crosses the VTRIP voltage and is
shown in Figure 5-4. To use this feature, a VBAT
supply must be present and the oscillator must also be
running.
There are two separate sets of registers that are used
to record this information:
• The first set, located at 0x18h through 0x1Bh, is
loaded at the time when VCC falls below VTRIP
and the RTCC operates on the VBAT. The VBAT
(register 0x03h bit 4) bit is also set at this time.
• The second set of registers, located at 0x1Ch
through 0x1Fh, is loaded at the time when VCC is
restored and the RTCC switches to VCC.
The power-fail time-stamp registers are cleared when
the VBAT bit is cleared in software.
FIGURE 5-4:
POWER-FAIL GRAPH
VCC
VTRIP(max)
VTRIP(min)
Power-Down
Power-Up
Time-Stamp
Time-Stamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com