Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204IMM Datasheet(PDF) 74 Page - Microchip Technology

Part # DSPIC33FJMC204IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204IMM Datasheet(HTML) 74 Page - Microchip Technology

Back Button DSPIC33FJMC204IMM Datasheet HTML 70Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 71Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 72Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 73Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 74Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 75Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 76Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 77Page - Microchip Technology DSPIC33FJMC204IMM Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 74
© 2007-2012 Microchip Technology Inc.
7.3
Interrupt Resources
Many useful resources are provided on the main prod-
uct page of the Microchip web site for the devices listed
in this data sheet. This product page, which can be
accessed using this link, contains the latest updates
and additional information.
7.3.1
KEY RESOURCES
• Section 6. “Interrupts” (DS70184)
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All related dsPIC33F/PIC24H Family Reference
Manuals Sections
• Development Tools
7.4
Interrupt Control and Status
Registers
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices implement a total of 22 registers for the
interrupt controller:
• INTCON1
• INTCON2
•IFSx
•IECx
•IPCx
•INTTREG
7.4.1
INTCON1 AND INTCON2
Global interrupt control functions are controlled from
INTCON1 and INTCON2. INTCON1 contains the
Interrupt Nesting Disable bit (NSTDIS) as well as the
control and status flags for the processor trap sources.
The INTCON2 register controls the external interrupt
request signal behavior and the use of the Alternate
Interrupt Vector Table.
7.4.2
IFSx
The IFS registers maintain all of the interrupt request
flags. Each source of interrupt has a status bit, which is
set by the respective peripherals or external signal and
is cleared via software.
7.4.3
IECx
The IEC registers maintain all of the interrupt enable
bits. These control bits are used to individually enable
interrupts from the peripherals or external signals.
7.4.4
IPCx
The IPC registers are used to set the interrupt priority
level for each source of interrupt. Each user interrupt
source can be assigned to one of eight priority levels.
7.4.5
INTTREG
The INTTREG register contains the associated
interrupt vector number and the new CPU interrupt
priority level, which are latched into vector number
(VECNUM<6:0>) and Interrupt level bit (ILR<3:0>)
fields in the INTTREG register. The new interrupt
priority level is the priority of the pending interrupt.
The interrupt sources are assigned to the IFSx, IECx
and IPCx registers in the same sequence that they are
listed in Table 7-1. For example, the INT0 (External
Interrupt 0) is shown as having vector number 8 and a
natural order priority of 0. Thus, the INT0IF bit is found
in IFS0<0>, the INT0IE bit in IEC0<0>, and the INT0IP
bits in the first position of IPC0 (IPC0<2:0>).
7.4.6
STATUS/CONTROL REGISTERS
Although they are not specifically part of the interrupt
control hardware, two of the CPU Control registers
contain bits that control interrupt functionality.
• The CPU STATUS register, SR, contains the
IPL<2:0> bits (SR<7:5>). These bits indicate the
current CPU interrupt priority level. The user can
change the current CPU priority level by writing to
the IPL bits.
• The CORCON register contains the IPL3 bit
which, together with IPL<2:0>, also indicates the
current CPU priority level. IPL3 is a read-only bit
so that trap events cannot be masked by the user
software.
All Interrupt registers are described in Register 7-1
through Register 7-24 in the following pages.
Note:
In the event you are not able to access
the product page using the link above,
enter
this
URL
in
your
browser:
http://www.microchip.com/wwwproducts/
Devices.aspx?dDocName=en530334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com