Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 282 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 282 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 278Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 279Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 280Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 281Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 282Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 283Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 284Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 285Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 282
© 2007-2012 Microchip Technology Inc.
25.1
High Temperature DC Characteristics
TABLE 25-1:
OPERATING MIPS VS. VOLTAGE
TABLE 25-2:
THERMAL OPERATING CONDITIONS
TABLE 25-3:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
Characteristic
VDD Range
(in Volts)
Temperature Range
(in °C)
Max MIPS
dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304
HDC5
VBOR to 3.6V(1)
-40°C to +150°C
20
Note 1: Device is functional at VBORMIN < VDD < VDDMIN. Analog modules such as the ADC will have degraded
performance. Device functionality is tested but not characterized. Refer to parameter BO10 in Table 24-11
for the minimum and maximum BOR values.
Rating
Symbol
Min
Typ
Max
Unit
High Temperature Devices
Operating Junction Temperature Range
TJ
-40
—
+155
°C
Operating Ambient Temperature Range
TA
-40
—
+150
°C
Power Dissipation:
Internal chip power dissipation:
PINT = VDD x (IDD -
Σ IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
I/O =
Σ ({VDD - VOH} x IOH) + Σ (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ - TA)/
θJA
W
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Parameter
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Operating Voltage
HDC10
Supply Voltage
VDD
—
3.0
3.3
3.6
V
-40°C to +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com