Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 285 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 285 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 281Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 282Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 283Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 284Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 285Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 286Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 287Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 288Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 285
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
25.2
AC Characteristics and Timing
Parameters
The information contained in this section defines
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
AC characteristics and timing parameters for high
temperature
devices.
However,
all
AC
timing
specifications in this section are the same as those in
Section 24.2 “AC Characteristics and Timing
Parameters”, with the exception of the parameters
listed in this section.
Parameters in this section begin with an H, which
denotes High temperature. For example, parameter
OS53 in Section 24.2 “AC Characteristics and
Timing Parameters” is the Industrial and Extended
temperature equivalent of HOS53.
TABLE 25-8:
TEMPERATURE AND VOLTAGE SPECIFICATIONS – AC
FIGURE 25-1:
LOAD CONDITIONS FOR DEVICE TIMING SPECIFICATIONS
TABLE 25-9:
PLL CLOCK TIMING SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Operating voltage VDD range as described in Table 25-1.
AC
CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
HOS53
DCLK
CLKO Stability (Jitter)(1)
-5
0.5
5
%
Measured over 100 ms
period
Note 1: These parameters are characterized by similarity, but are not tested in manufacturing. This specification is
based on clock cycle by clock cycle measurements. To calculate the effective jitter for individual time
bases or communication clocks use this formula:
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
Ω
CL = 50 pF for all pins except OSC2
15 pF for OSC2 output
Load Condition 1 – for all pins except OSC2
Load Condition 2 – for OSC2
Peripheral Clock Jitter
DCLK
FOSC
Peripheral Bit Rate Clock
--------------------------------------------------------------
⎝⎠
⎛⎞
------------------------------------------------------------------------
=
For example: Fosc = 32 MHz, DCLK = 5%, SPI bit rate clock, (i.e., SCK) is 2 MHz.
SPI SCK Jitter
DCLK
32 MHz
2 MHz
--------------------
⎝⎠
⎛⎞
------------------------------
5%
16
----------
5%
4
--------
1.25%
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com