Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 288 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 288 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 284Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 285Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 286Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 287Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 288Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 289Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 290Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 291Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 288
© 2007-2012 Microchip Technology Inc.
TABLE 25-15: ADC MODULE SPECIFICATIONS
TABLE 25-16: ADC MODULE SPECIFICATIONS (12-BIT MODE)(3)
AC
CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Reference Inputs
HAD08
IREF
Current Drain
—
—
250
—
600
50
μA
μA
ADC operating, See Note 1
ADC off, See Note 1
Note 1: These parameters are not characterized or tested in manufacturing.
2: These parameters are characterized, but are not tested in manufacturing.
AC
CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
ADC Accuracy (12-bit Mode) – Measurements with External VREF+/VREF-(1)
HAD20a Nr
Resolution(3)
12 data bits
bits
—
HAD21a INL
Integral Nonlinearity
-2
—
+2
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
HAD22a DNL
Differential Nonlinearity
> -1
—
< 1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
HAD23a GERR
Gain Error
-2
—
10
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
HAD24a EOFF
Offset Error
-3
—
4
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3.6V
ADC Accuracy (12-bit Mode) – Measurements with Internal VREF+/VREF-(1)
HAD20a Nr
Resolution(3)
12 data bits
bits
—
HAD21a INL
Integral Nonlinearity
-2
—
+2
LSb
VINL = AVSS = 0V, AVDD = 3.6V
HAD22a DNL
Differential Nonlinearity
> -1
—
< 1
LSb
VINL = AVSS = 0V, AVDD = 3.6V
HAD23a GERR
Gain Error
2
—
20
LSb
VINL = AVSS = 0V, AVDD = 3.6V
HAD24a EOFF
Offset Error
2
—
10
LSb
VINL = AVSS = 0V, AVDD = 3.6V
Dynamic Performance (12-bit Mode)(2)
HAD33a FNYQ
Input Signal Bandwidth
—
—
200
kHz
—
Note 1: These parameters are characterized, but are tested at 20 ksps only.
2: These parameters are characterized by similarity, but are not tested in manufacturing.
3: Injection currents > | 0 | can affect the ADC results by approximately 4-6 counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com