Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9808-E/MC Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP9808-E/MC
Description  0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808-E/MC Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP9808-E/MC Datasheet HTML 25Page - Microchip Technology MCP9808-E/MC Datasheet HTML 26Page - Microchip Technology MCP9808-E/MC Datasheet HTML 27Page - Microchip Technology MCP9808-E/MC Datasheet HTML 28Page - Microchip Technology MCP9808-E/MC Datasheet HTML 29Page - Microchip Technology MCP9808-E/MC Datasheet HTML 30Page - Microchip Technology MCP9808-E/MC Datasheet HTML 31Page - Microchip Technology MCP9808-E/MC Datasheet HTML 32Page - Microchip Technology MCP9808-E/MC Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 29
MCP9808
5.1.6
RESOLUTION REGISTER
This register allows the user to change the sensor
resolution
(see
Section 5.2.4
“Temperature
Resolution”).
The
POR
default
resolution
is
+0.0625°C. The selected resolution is also reflected in
the Capability register (see Register 5-2).
FIGURE 5-8:
Timing Diagram for Changing TA Resolution to +0.0625°C <0000 0011>b (see
Section 4.0 “Serial Communication”).
REGISTER 5-7:
RESOLUTION REGISTER (
→ ADDRESS ‘0000 1000’b)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
—
—
—
—
—
—
Resolution
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1-0
Resolution bits
00
= +0.5°C (tCONV = 30 ms typical)
01
= +0.25°C (tCONV = 65 ms typical)
10
= +0.125°C (tCONV = 130 ms typical)
11
= +0.0625°C (power-up default, tCONV = 250 ms typical)
SDA
A
C
K
001
1
A
A
C
K
S
2
A
1
A
0
123
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP9808
MCP9808
A
C
K
P
12
3
4
567
8
Data
Resolution Pointer
MCP9808
00
00
1
00
0
0
0
0
0
0
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com