Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP7940N-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP7940N-E/MS
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP7940N-E/MS Datasheet HTML 11Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 12Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 13Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 14Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 15Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 16Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 17Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 18Page - Microchip Technology MCP7940N-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 15
MCP7940N
5.2.2
MFP
Pin 7 is a multi-function pin and supports the following
functions:
• Use of the OUT bit in the Control register for
single bit I/O
• Alarm Outputs – Available in VBAT mode
• FOUT mode – driven from a FOSC divider – Not
available in VBAT mode
The internal control logic for the MFP is connected to
the switched internal supply bus, this allows operation
in VBAT mode. The Alarm Output is the only mode that
operates in VBAT mode, other modes are suspended.
5.2.3
VBAT
The MCP7940N features an internal switch that will
power the clock and the SRAM. In the event that the
VCC supply is not available, the voltage applied to the
VBAT pin serves as the backup supply. A low-value
series resistor is recommended between the external
battery and the VBAT pin to limit the current to the
internal switch circuit.
The VBAT trip point is the point at which the internal
switch operates the device from the VBAT supply and
is typically 1.5V (VTRIP specification D12) typical.
When VDD falls below 1.5V the system will continue to
operate the RTCC and SRAM using the VBAT supply.
The following conditions apply:
If the VBAT feature is not being used, the VBAT pin must
be connected to GND. For more information on VBAT
conditions see application note AN1365, “RTCC Best
Practices” (DS01365).
TABLE 5-2:
Supply
Condition
Read/Write
Access
Powered
By
VCC < VTRIP, VCC < VBAT
No
VBAT
VCC > VTRIP, VCC < VBAT
Yes
VCC
VCC > VTRIP, VCC > VBAT
Yes
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com