Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302EMM Datasheet(PDF) 310 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 310 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 306Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 307Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 308Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 309Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 310Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 311Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 313Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 310
© 2007-2012 Microchip Technology Inc.
Revision C (June 2008)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
The major changes are referenced by their respective
section in the following table.
TABLE A-1:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit Digital
Signal Controllers”
Added Extended Interrupts column to Remappable Peripherals in the
Controller Families table and Note 3 (see Table 1).
Added Note 1 to all pin diagrams, which references RPn pin usage by
remappable peripherals (see “Pin Diagrams”).
Section 1.0 “Device Overview”
Changed PORTA pin name from RA15 to RA10 (see Table 1-1).
Section 4.0 “Memory Organization” Added SFR definitions (ACCAL, ACCAH, ACCAU, ACCBL, ACCBH, and
ACCBU) to the CPU Core Register Map (see Table 4-1).
Updated Reset value for CORCON (see Table 4-1).
Updated Reset values for the following SFRs: IPC1, IPC3-IPC5, IPC7,
IPC16, and INTTREG (see Table 4-4).
Updated all SFR names in QEI1 Register Map (see Table 4-10).
Updated the bit range for AD1CON3 from ADCS<5:0> to ADCS<7:0>) (see
Table 4-14 and Table 4-15).
Updated the Reset value for CLKDIV in the System Control Register Map
(see Table 4-23).
Section 6.0 “Resets”
Entire section was replaced to maintain consistency with other dsPIC33F
data sheets.
Section 8.0 “Oscillator
Configuration”
Removed the first sentence of the third clock source item (External Clock) in
Section 8.1.1.2 “Primary”.
Updated the default bit values for DOZE and FRCDIV in the Clock Divisor
Register (see Register 8-2).
Added the center frequency in the OSCTUN register for the FRC Tuning bits
(TUN<5:0>) value 011111 and updated the center frequency for bits value
011110 (see Register 8-4).
Section 9.0 “Power-Saving
Features”
Added the following two registers:
• PMD1: Peripheral Module Disable Control Register 1
• PMD2: Peripheral Module Disable Control Register 2
• PMD3: Peripheral Module Disable Control Register 3
Section 10.0 “I/O Ports”
Added paragraph and Table 10-1 to Section 10.2 “Open-Drain
Configuration”, which provides details on I/O pins and their functionality.
Removed the following sections, which are now available in the related
section of the dsPIC33F/PIC24H Family Reference Manual:
• 9.4.2 “Available Peripherals”
• 9.4.3.3 “Mapping”
• 9.4.5 “Considerations for Peripheral Pin Selection”
Section 14.0 “Output Compare”
Replaced sections 13.1, 13.2, and 13.3 and related figures and tables with
entirely new content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com