Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302EMM Datasheet(PDF) 314 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 314 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 310Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 311Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 313Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 314Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 315Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 316Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 317Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 314
© 2007-2012 Microchip Technology Inc.
Revision D (December 2008)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
The major changes are referenced by their respective
section in the following table.
TABLE A-2:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit Digital
Signal Controllers”
Updated all pin diagrams to denote the pin voltage tolerance (see “Pin
Diagrams”).
Section 2.0 “Guidelines for Getting
Started with 16-bit Digital Signal
Controllers”
Added new section to the data sheet that provides guidelines on getting
started with 16-bit Digital Signal Controllers.
Section 10.0 “I/O Ports”
Updated 5V tolerant status for I/O pin RB4 from Yes to No (see Table 10-1).
Section 24.0 “Electrical
Characteristics”
Removed the maximum value for parameter DC12 (RAM Data Retention
Voltage) in Table 24-4.
Updated typical values for Operating Current (IDD) and added Note 3 in
Table 24-5.
Updated typical and maximum values for Idle Current (IIDLE): Core OFF
Clock ON Base Current and added Note 3 in Table 24-6.
Updated typical and maximum values for Power Down Current (IPD) and
added Note 5 in Table 24-7.
Updated typical and maximum values for Doze Current (IDOZE) and added
Note 2 in Table 24-8.
Added Note 3 to Table 24-12.
Updated minimum value for Internal Voltage Regulator Specifications in
Table 24-13.
Added parameter OS42 (GM) and Notes 4, 5 and 6 to Table 24-16.
Added Notes 2 and 3 to Table 24-17.
Added Note 2 to Table 24-20.
Added Note 2 to Table 24-21.
Added Note 2 to Table 24-22.
Added Note 1 to Table 24-23.
Added Note 1 to Table 24-24.
Added Note 3 to Table 24-36.
Added Note 2 to Table 24-37.
Updated typical value for parameter AD08 (ADC in operation) and added
Notes 2 and 3 in Table 24-38.
Updated minimum, typical, and maximum values for parameters AD23a,
AD24a, AD30a, AD32a, AD32a and AD34a, and added Notes 2 and 3 in
Table 24-39.
Updated minimum, typical, and maximum values for parameters AD23b,
AD24b, AD30b, AD32b, AD32b and AD34b, and added Notes 2 and 3 in
Table 24-40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com