Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECKATS472KB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECKATS472KB
Description  Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKATS472KB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECKATS472KB Datasheet HTML 1Page - Panasonic Semiconductor ECKATS472KB Datasheet HTML 2Page - Panasonic Semiconductor ECKATS472KB Datasheet HTML 3Page - Panasonic Semiconductor ECKATS472KB Datasheet HTML 4Page - Panasonic Semiconductor ECKATS472KB Datasheet HTML 5Page - Panasonic Semiconductor ECKATS472KB Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Related Standards and Certificate Numbers
l Type NS-A
Certificated Body
Related Standard
Certificate
Number
Sub-class Rated Voltage
Dielectric
Withstanding
Voltage
Operating
Temperature
Range
l Type TS
Plant Code H
LL2
Marking ltems
Examples* (Marking of the face and the reverse)
Manufacturer's Identification
Type Designation
NS-A
sub-class and
Y1-250V ~
Rated Voltage
X1-440V~
Capacitance
472
BSI
VDE
SEV
SEMKO
FIMKO
NEMKO
DEMKO
UL
CSA
Plant Code
H
Date Code (Ex. Sep. 2001)
19
DE
V
Note: * The actual marking is sometimes different from the above example with the change of the safety approval contents and so on.
Recognized
Marking
(Logo or
Monogram)
n Marking Examples (Ex. Type NS-A, 4700 pF)
Ceramic Disc Capacitors (Safety Regulations)
Certificated Body
Related Standard
Certificate Number
Sub-
class
Rated
Voltage
Dielectric
Withstanding
Voltage
Operating
Temperature
Range
Plant Code M
Note:Certification Number sometimes changes with the change of the approval contents and so on. KTL marks are indicated on the label.
Note:Certification Number sometimes changes with the change of the approval contents and so on. CQC and KTL marks are indicated on the label.
Certificated Body
Operating
Temperature
Range
Certificate
Number
Dielectric
Withstanding
Voltage
Rated
Voltage
Sub-class
Related Standard
l Type VS
Note:] is for Line-by-pass capacitors. Certification Number sometimes changes with the change of the approval contents and so on. KTL marks is
indicated on the label. Certification contents are subject to differ in capacitance values.
NS-A
472
19
H
Y1-250V
X1-440V
DE
V
LL2
BSI (UK)
VDE (Germany)
SEV (Switzerland)
SEMKO (Sweden)
FIMKO (Finland)
NEMKO (Norway)
DEMKO (Denmark)
KTL (Korea)
UL (USA)
CSA (Canada)
VDE
(Germany)
123139
SEMKO (Sweden)
EN 132 400:1994
0042075/01-02
FIMKO (Finland)
Sub-class Y2
FI16196
Y2, X1
Y2:250 VAC Y2:1500 VAC Ð25 to 125¡C
NEMKO (Norway)
(IEC 60384-14 2nd Ed.)
P00102412
X1:440 VAC X1:1892 VDC
DEMKO (Denmark)
310308-01
KTL
(Korea)
K60384-14 (IEC 60384-14 2nd Ed.) SU03013-3003
UL
(USA)
UL1414]
E62674
–
250 VAC
1500 VAC
Ð25 to 85¡C
CSA C22.2 No.1]
BSI
(UK)
226319
VDE
(Germany)
087472
SEV
(Switzerland) EN 132 400:1994
00.0587
SEMKO (Sweden)
Sub-class Y2
9918234/01-02
FIMKO (Finland)
(IEC 60384-14 2nd Ed.)
F1 13556
Y1, X1
Y1:250 VAC
Y1:4000 VAC
Ð25 to 125¡C
NEMKO (Norway)
P99101676
X1:440 VAC
X1:1892 VDC
DEMKO (Denmark)
DK99-02495
CQC
(China)
GB/T14472 (IEC 60384-14 2nd Ed.) CQC03001008315
KTL
(Korea)
K60384-14 (IEC 60384-14 2nd Ed.) SU03012-3002
UL
(USA)
UL1414
E62674
–
250 VAC
1500 VAC
Ð25 to 85¡C
CSA
(Canada)
CSA C22.2 No.1
LR58064
EN132 400:1994
Sub-class Y2
(IEC 60384-14 2nd Ed.)
K60384-14(IEC 60384-14 2nd Ed.)
UL 1414
CSA C22.2 No.1
228035
1220129
118911
00.0588
9618031/01(Y2) 9909196/01-02
9909191/01(X1)
Fl13324A1
P96102354(Y2)
P99101190
P99101084(X1)
305880(Y2)
DK99-01749
DK99-01676(X1)
SU03012-3001
SU03013-3002
E62674
LR58064
LR31605
Y2, X1
–
Y2:250 VAC
X1:440 VAC
250 VAC
Y2:1500 VAC
X1:1892 VDC
1500 VAC
Ð25 to 125¡C
Ð25 to 85 ¡C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com