Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP7940NT-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP7940NT-E/MS
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP7940NT-E/MS Datasheet HTML 15Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 16Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 17Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 18Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 19Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 20Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 21Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 22Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 19
MCP7940N
6.2
RTCC/SRAM
6.2.1
SRAM BYTE WRITE
Following the Start condition from the master, the
control code and the R/W bit (which is a logic low) are
clocked onto the bus by the master transmitter. This
indicates to the addressed slave receiver that a byte
with a word address will follow after it has generated an
Acknowledge bit during the ninth clock cycle.
Therefore, the next byte transmitted by the master is
the word address and will be written into the Address
Pointer of the MCP7940N. After receiving another
Acknowledge signal from the MCP7940N, the master
device transmits the data word to be written into the
addressed
memory
location.
The
MCP7940N
acknowledges again and the master generates a Stop
condition. After a Byte Write command, the internal
address counter will point to the address location
following the one that was just written.
FIGURE 6-3:
SRAM BYTE WRITE
6.2.2
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
control byte is set to one. There are three basic types
of read operations: current address read, random read,
and sequential read.
6.2.2.1
Current Address Read
The MCP7940N contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous read access was to address n (n is any legal
address), the next current address read operation
would access data from address n + 1.
Upon receipt of the control byte with R/W bit set to one,
the MCP7940N issues an Acknowledge and transmits
the 8-bit data word. The master will not acknowledge
the transfer but does generate a Stop condition and the
MCP7940N discontinues transmission (Figure 6-4).
FIGURE 6-4:
CURRENT ADDRESS
READ
6.2.2.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
MCP7940N as part of a write operation (R/W bit set to
‘0’). After the word address is sent, the master
generates a Start condition following the Acknowledge.
This terminates the write operation, but not before the
internal Address Pointer is set. Then, the master issues
the control byte again but with the R/W bit set to a one.
The MCP7940N will then issue an Acknowledge and
transmit the 8-bit data word. The master will not
acknowledge the transfer but it does generate a Stop
condition which causes the MCP7940N to discontinue
transmission (Figure 6-5). After a Random Read
command, the internal address counter will point to the
address location following the one that was just read.
Note:
Addressing undefined SRAM locations will
result
in
the
MCP7940N
not
acknowledging the address.
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
S 110 1
0
1 11
P
x
x = don’t care for 1K devices
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
P
S
S
T
O
P
CONTROL
BYTE
S
T
A
R
T
DATA
A
C
K
N
O
A
C
K
10
11
1
BYTE
11 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com