Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

dsPIC33FJ16GS402 Datasheet(PDF) 10 Page - Microchip Technology

Part # dsPIC33FJ16GS402
Description  dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ16GS402 Datasheet(HTML) 10 Page - Microchip Technology

Back Button dsPIC33FJ16GS402 Datasheet HTML 6Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 7Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 8Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 9Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 10Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 11Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 12Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 13Page - Microchip Technology dsPIC33FJ16GS402 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS80439M-page 10
 2009-2013 Microchip Technology Inc.
23. Module: UART
The UART error interrupt may not occur, or may
occur at an incorrect time, if multiple errors occur
during a short period of time.
Work around
Read the error flags in the UxSTA register
whenever a byte is received to verify the error
status. In most cases, these bits will be correct,
even if the UART error interrupt fails to occur.
Affected Silicon Revisions
24. Module: I2C
When the I2C module is configured as a 10-bit
slave with an address of 0x102, the I2CxRCV
register content for the lower address byte is 0x01
rather
than
0x02;
however,
the
module
acknowledges both address bytes.
Work around
None.
Affected Silicon Revisions
25. Module: I2C
In 10-bit Addressing mode, some address
matches do not set the RBF flag or load the
receive register I2CxRCV, if the lower address
byte matches the reserved addresses. In
particular, these include all addresses with the
form XX0000XXXX and XX1111XXXX, with the
following exceptions:
• 001111000X
• 011111001X
• 101111010X
• 111111011X
Work around
Ensure that the lower address byte in 10-bit
Addressing mode does not match any 7-bit
reserved addresses.
Affected Silicon Revisions
26. Module: PSV Operations
An address error trap occurs in certain addressing
modes when accessing the first four bytes of an
PSV page. This occurs only when using the
following addressing modes:
• MOV.D
• Register Indirect Addressing (Word or Byte
mode) with pre/post-decrement
Work around
Do not perform PSV accesses to any of the first
four bytes using the above addressing modes. For
applications using the C language, MPLAB C30
Version 3.11 or higher, provides the following
command-line switch that implements a work
around for the erratum.
-merrata=psv_trap
Refer to the readme.txt file in the MPLAB C30
v3.11 toolsuite for further details.
Affected Silicon Revisions
27. Module: Comparator
The comparator fails to wake the CPU from Sleep
mode when the internal voltage reference is used
(i.e., the EXTREF bit is set to ‘0’).
Work around
Use the external reference source by setting the
EXTREF bit to ‘1’.
Affected Silicon Revisions
28. Module: PWM
When multiple PWM channels are operating in
Independent Time Base mode (ITB = 1) and the
frequency is being updated on the fly, PWM channels
configured for Push-Pull mode may not remain
synchronized with other PWM output modes.
Work around
When multiple PWM channels are operating in
Independent Time Base mode, immediate updates
to the PWM module (IUE = 1) must be enabled for
PWM channels to remain synchronized.
Affected Silicon Revisions
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X
A2
A3
A4
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com