Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FV80503CSM66166 Datasheet(PDF) 21 Page - Intel Corporation

Part # FV80503CSM66166
Description  Low-Power Embedded Pentium짰 Processor with MMX??Technology
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FV80503CSM66166 Datasheet(HTML) 21 Page - Intel Corporation

Back Button FV80503CSM66166 Datasheet HTML 17Page - Intel Corporation FV80503CSM66166 Datasheet HTML 18Page - Intel Corporation FV80503CSM66166 Datasheet HTML 19Page - Intel Corporation FV80503CSM66166 Datasheet HTML 20Page - Intel Corporation FV80503CSM66166 Datasheet HTML 21Page - Intel Corporation FV80503CSM66166 Datasheet HTML 22Page - Intel Corporation FV80503CSM66166 Datasheet HTML 23Page - Intel Corporation FV80503CSM66166 Datasheet HTML 24Page - Intel Corporation FV80503CSM66166 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Low-Power Embedded Pentium® Processor with MMX™ Technology
Datasheet
21
Table 4.
Pin Cross Reference by Pin Name (HL-PBGA Package) (Sheet 1 of 2)
Pin
Location
Pin
Location
Pin
Location
Pin
Location
Address
A3
AE6
A11
AC2
A19
T2
A27
AE9
A4
AF5
A12
AC1
A20
U1
A28
AF7
A5
AE5
A13
AB1
A21
AF11
A29
AE8
A6
AF4
A14
AA1
A22
AE11
A30
AF6
A7
AE4
A15
Y1
A23
AF10
A31
AE7
A8
AE3
A16
W1
A24
AF9
A9
AE2
A17
V1
A25
AE10
A10
AD2
A18
U2
A26
AF8
Data
D0
AC24
D16
T26
D32
H25
D48
B23
D1
AC25
D17
R25
D33
J26
D49
B22
D2
AB24
D18
R26
D34
H26
D50
B21
D3
AB25
D19
P26
D35
G25
D51
A22
D4
AA24
D20
P25
D36
G26
D52
A21
D5
Y24
D21
P24
D37
F26
D53
B20
D6
AA25
D22
N24
D38
E26
D54
A20
D7
Y25
D23
N25
D39
F25
D55
B19
D8
Y26
D24
M24
D40
E25
D56
B18
D9
V24
D25
M25
D41
C26
D57
A18
D10
W25
D26
K24
D42
D25
D58
B17
D11
V25
D27
L25
D43
B26
D59
A17
D12
W26
D28
M26
D44
C25
D60
B16
D13
U25
D29
K25
D45
D24
D61
A16
D14
V26
D30
L26
D46
B25
D62
B15
D15
U26
D31
J25
D47
B24
D63
A15
Control
A20M#
L3
BREQ
C2
HITM#
J3
PM1/BP1
A12
ADS#
H2
BUSCHK#
K2
HLDA
C1
PRDY
B4
AHOLD
A9
CACHE#
B10
HOLD
A5
PWT
G2
AP
D2
D/C#
F1
IERR#
A14
R/S#
AF12
APCHK#
B3
DP0
W24
IGNNE#
AF14
RESET
R2
BE0#
K1
DP1
T25
INIT
AE14
SCYC
R1
BE1#
L2
DP2
N26
INTR/
LINT0
AF13
SMI#
AE13
BE2#
L1
DP3
K26
INV
B9
SMIACT#
B5
BE3#
M1
DP4
D26
KEN#
A8
TCK
AE22
BE4#
M2
DP5
C23
LOCK#
D1
TDI
AE21
BE5#
N1
DP6
A19
M/IO#
A11
TDO
AF21
BE6#
P1
DP7
B14
NA#
B7
TMS
AF20
BE7#
N2
EADS#
G1
NMI/LINT1
AE12
TRST#
AF19
BOFF#
A7
EWBE#
A10
PCD
G3
W/R#
H1
BP2
B12
FERR#
B13
PCHK#
C4
WB/WT#
A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com