Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2D33S Datasheet(PDF) 3 Page - General Electric Company

Part # CC2D33S
Description  ChipCap 2 A Fully Calibrated Humidity and Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

CC2D33S Datasheet(HTML) 3 Page - General Electric Company

  CC2D33S Datasheet HTML 1Page - General Electric Company CC2D33S Datasheet HTML 2Page - General Electric Company CC2D33S Datasheet HTML 3Page - General Electric Company CC2D33S Datasheet HTML 4Page - General Electric Company CC2D33S Datasheet HTML 5Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dimensions (units: mm (inch))
Pin Connection
CC2-D
Ordering Information
GE part no.
Description
CC2A25
ChipCap2, analog, 2%, 5v
CC2A23
ChipCap2, analog, 2%, 3.3v
CC2D23S
ChipCap2, digital, sleep mode, 2%, 3.3v
CC2D25S
ChipCap2, digital , sleep mode, 2%, 5v
CC2D23
ChipCap2, digital, 2%, 3.3v
CC2D25
ChipCap2, digital, 2%, 5v
CC2D35
ChipCap2, digital, 3%, 5v
CC2A33
ChipCap2, analog, 3%, 3.3v
CC2D33S
ChipCap2, digital, sleep mode, 3%, 3.3v
CC2D35S
ChipCap2, digital , sleep mode, 3%, 5v
CC2D33
ChipCap2, digital, 3%, 3.3v
CC2A35
ChipCap2, analog, 3%, 5v
Packaging Tape and Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com